Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 77 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 77 of 113
EEPROM_DATA_08
Table 89. Register 0xB8—EEPROM_DATA_08
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM_DATA_08
R/W block
Block read/write data of Page 8 of the EEPROM main block. The EEPROM must first be unlocked.
EEPROM_DATA_09
Table 90. Register 0xB9—EEPROM_DATA_09
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM_DATA_09
R/W block
Block read/write data of Page 9 of the EEPROM main block. The EEPROM must first be unlocked.
EEPROM_DATA_10
Table 91. Register 0xBA—EEPROM_DATA_10
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM_DATA_10
R/W block
Block read/write data of Page 10 of the EEPROM main block.The EEPROM must first be unlocked.
EEPROM_DATA_11
Table 92. Register 0xBB—EEPROM_DATA_11
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM_DATA_11
R/W block
Block read/write data of Page 11 of the EEPROM main block.The EEPROM must first be unlocked.
EEPROM_DATA_12
Table 93. Register 0xBC—EEPROM_DATA_12
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM_DATA_12
R/W block
Block read/write data of Page 12 of the EEPROM main block.The EEPROM must first be unlocked.
EEPROM_DATA_13
Table 94. Register 0xBD—EEPROM_DATA_13
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM_DATA_13
R/W block
Block read/write data of Page 13 of the EEPROM main block.The EEPROM must first be unlocked.
EEPROM_DATA_14
Table 95. Register 0xBE—EEPROM_DATA_14
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM_DATA_14
R/W block
Block read/write data of Page 14 of the EEPROM main block.The EEPROM must first be unlocked.
EEPROM_DATA_15
Table 96. Register 0xBF—EEPROM_DATA_15
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM_DATA_15
R/W block
Block read/write data of Page 15 of the EEPROM main block.The EEPROM must first be unlocked.
MFR_TEMPERATURE_MAX
The MFR_TEMPERATURE_MAX command returns the maximum temperature of the power converter after after achieving regulation.
Write 0x0000 to reset the value in this register.
Table 97. Register 0xC0—MFR_TEMPERATURE_MAX
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement, N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R
11-bit, twos complement, Y value for linear format, X = Y × 2N.
EEPROM_CRC_CHKSUM
Table 98. Register 0xD1—EEPROM_CRC_CHKSUM
Bits
Bit Name/Function
R/W
Description
[7:0]
CRC checksum
R
Returns the CRC checksum value from the EEPROM download operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com