Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 45 of 113
LAYOUT GUIDELINES
This section explains best practices to ensure optimal performance
of the ADP1052. In general, place all components of the ADP1052
control circuit as close to the ADP1052 as possible. The OVP
pin and VS+ pin signals are referred to VS−. All other signals are
referred to the AGND plane.
CS1 PIN
Route the traces from the current sense transformer to the
ADP1052, parallel to each other. Keep the traces near each
other, but far away from the switch nodes.
CS2+ AND CS2− PINS
Route the traces from the sense resistor to the ADP1052 parallel
to each other. A Kelvin connection is recommended for the sense
resistor. Keep the traces near each other, but far away from the
switch nodes.
VS+ AND VS− PINS
Route the traces from the remote voltage sense point to the
ADP1052 parallel to each other. Connect VS− to AGND, with
a low ohmic connection. Keep the traces near each other, but far
away from the switch nodes. Place a 100 nF capacitor from VS−
to AGND to reduce the common-mode noise. If VS− is connected
directly to AGND, the capacitor is not needed.
OUTA TO OUTD, SR1 AND SR2 PWM OUTPUTS
Place 10 Ω resistors between the PWM outputs and isolators or
driver inputs, especially if the isolators and drivers are far from the
ADP1052. Keep the traces far away from the switch nodes.
VDD PIN
Place decoupling capacitors as close as possible to the ADP1052. A
2.2 μF capacitor connected from VDD to AGND is recommended.
VCORE PIN
Place a 330 nF decoupling capacitor from the VCORE pin to
AGND, as close as possible to the ADP1052.
RES PIN
Place a 10 kΩ, 0.1% resistor from the RES pin to AGND, as close
as possible to the ADP1052.
SDA AND SCL PINS
Route the traces to the SDA and SCL pins parallel to each other.
Keep the traces near each other, but far away from the switch
nodes.
EXPOSED PAD
Solder the exposed pad under the ADP1052 to the PCB AGND
plane.
RTD PIN
Route the traces (including the ground returning trace) from
the thermistor to the ADP1052. Place the thermistor near the
hotspot of the power supply, and keep the thermistor and the
traces away from the switching node. Place the 1 nF filtering
capacitor nearby, in parallel with the thermistor.
AGND PIN
Create an AGND ground plane on the adjacent layer of the
ADP1052 and make a single point (star) connection to the
power supply system ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com