Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 9 of 113
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (Continuous) VDD to AGND
4.2 V
Digital Pins (OUTA, OUTB, OUTC, OUTD,
SR1, SR2) to AGND
−0.3 V to VDD + 0.3 V
PG/ALT, SDA, SCL to AGND
−0.3 V to +3.9 V
VS−, VS+, VF, OVP, RTD, ADD, CS1, CS2+, CS2−
to AGND
−0.3 V to VDD + 0.3 V
SYNI/FLGI, CTRL to AGND
−0.3 V to VDD + 0.3 V
Operating Temperature Range (TA)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Peak Solder Reflow Temperature
SnPb Assemblies (10 sec to 30 sec)
240°C
RoHS-Compliant Assemblies (20 sec to
40 sec)
260°C
ESD Models
ESD Charged Device Model
1.25 kV
ESD Human Body Model
5.0 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
24-Lead LFCSP
36.26
1.51
°C/W
SOLDERING
It is important to follow the correct guidelines when laying out
the printed circuit board (PCB) footprint for the ADP1052 and
for soldering the device onto the PCB. For detailed information
about these guidelines, see the AN-772 Application Note, A Design
and Manufacturing Guide for the Lead Frame Chip Scale Package
(LFCSP).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com