Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 27 of 113
DEBOUNCE
DEBOUNCE
DEBOUNCE
DEBOUNCE
DEBOUNCE
DEBOUNCE
VIN_UV_FAULT
IIN_OC_FAST_FAULT
DEBOUNCE
DEBOUNCE
REG 0xFE0D
REG 0xFE0F
REG 0xFE0E[3:0]
DEBOUNCE
PGOOD FLAG
REG 0xFEA0[6]
PG/ALT PIN
IOUT_OC_FAULT
VOUT_OV_FAULT
VOUT_UV_FAULT
OT_FAULT
OT_WARNING
SR_RC_FAULT
POWER_OFF
SOFT_START_FILTER
CRC_FAULT
POWER_GOOD
Figure 30. PGOOD Programming
The POWER_GOOD_ON command (Register 0x5E) sets
the voltage limit that the output voltage must exceed before
the POWER_GOOD flag (Register 0x79[11]) can be cleared.
Similarly, the output voltage must fall below the POWER_GOOD_
OFF limit (Register 0x5F) to set the POWER_GOOD flag.
The PG/ALT pin is always driven low and the PGOOD flag is
always set when one of the POWER_OFF, SOFT_START_FILTER,
CRC_FAULT, or POWER_GOOD flags is set.
The debounce timings for setting and clearing the PGOOD
flag can be programmed to 0 ms, 200 ms, 320 ms, or 600 ms in
Register 0xFE0E[3:0].
VOLT-SECOND BALANCE CONTROL
The ADP1052 has a dedicated circuit to maintain volt-second
balance in the main transformer when operating in full bridge
topology. This circuit eliminates the need for a dc blocking
capacitor. In interleaved topologies, volt-second balance can also
be used for current balancing to ensure that each interleaved
phase contributes equal power.
The circuit monitors the current flowing in both legs of the full
bridge topology and stores this information. It compensates the
selected PWM signals to ensure equal current flow in the two legs
of the full bridge topology. The CS1 pin is the input for this
function.
Several switching cycles are required for the circuit to operate
effectively. The maximum amount of modulation applied to each
edge of the selected PWM outputs is programmable to ±80 ns
or ±160 ns, using Register 0xFE54[2]. The balance control gains
are programmable via Register 0xFE54[1:0].
The compensation of the PWM drive signals is performed on
the edges of two selected outputs, using Register 0xFE55,
Register 0xFE56, and Register 0xFE57. The direction of the
modulation is also programmable in these registers.
The volt-second balance control can be disabled during soft start
with Register 0xFE0C[1].
There are also leading edge blanking functions at the sensed CS1
signal for more accurate control results. The blanking time follows
the CS1 cycle-by-cycle current-limit blanking time (see the
Current Sense section).
To avoid the wrong compensation in light load mode, the CS1
threshold in Register 0xFE38 enables the volt-second balance.
Below this threshold, volt-second balance is not enabled.
CONSTANT CURRENT MODE
Constant current mode is part of the PMBus output current
fault response function. When the output current reaches the
IOUT_OC_FAULT_LIMIT value, the ADP1052 can be config-
ured to operate in constant current mode, using the output
current as the feedback signal for closed-loop operation (see
Figure 31). To ensure that the output current remains constant, the
output voltage is ramped down linearly as the load resistance
decreases.
VOUT
IOUT
IOUT_OC_FAULT_LIMIT
(REG 0x46)
VOUT NOMINAL
IOUT NOMINAL
Figure 31. Constant Current Mode (VOUT vs. IOUT)
Two CS2 output current averaging speeds can be selected via
Register 0xFE1B[4]: a 9-bit CS2 current averaging speed and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com