Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 62 of 113
Bits
Bit Name/Function
R/W
Description
4
SMBALERT
R
Checks support of the SMBALERT pin and the SMBus alert response protocol.
0 = not supported.
[3:0]
Reserved
R
Reserved.
VOUT_MODE
The VOUT_MODE command sets the data format for output voltage related data. The data byte for the VOUT_MODE command consists of
a 3-bit mode and 5-bit exponent parameter. The 3-bit mode determines whether the device uses linear format or direct format for the output
voltage related commands. The 5-bit parameter sets the exponent value for linear format.
Table 22. Register 0x20—VOUT_MODE
Bits
Bit Name/Function
R/W
Description
[7:5]
Mode
R
Output voltage data format. The value is fixed at 000, which means that only linear format is
supported.
[4:0]
Exponent
R
The N value for the output voltage related commands in linear format: V = Y × 2N. The value is fixed
at 10110 (twos complement, −10 decimal). The exponent for the linear format values is −10.
VOUT_COMMAND
The VOUT_COMMAND command sets the output voltage. Use the VOUT_TRANSITION_RATE command if VOUT_COMMAND is
modified while the output is active and in a steady state condition. The maximum programmable output voltage is 64 V.
Table 23. Register 0x21—VOUT_COMMAND
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the output voltage reference value, in volts.
16-bit, unsigned Integer Y value for linear format: V = Y × 2N. N is defined in the VOUT_MODE
command.
VOUT_TRIM
The VOUT_TRIM command applies a fixed offset voltage to the output voltage command value. It is typically set by the user to trim the
output voltage at the time that the PMBus device is assembled into the system of the user. The trim range is −32 V to +32 V, and each LSB
resolution is 2−10 = 0.9765625 mV.
Table 24. Register 0x22—VOUT_TRIM
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the output voltage trim value.
16-bit, twos complement, Y value for linear format: V = Y × 2N. N is defined in the VOUT_MODE
command.
VOUT_CAL_OFFSET
The VOUT_CAL_OFFSET command applies a fixed offset voltage to the output voltage command value. It is typically used by the PMBus
device manufacturer to calibrate the device in the factory. The trim range is −32 V to +32 V and each LSB size is 2−10 = 0.9765625 mV.
Table 25. Register 0x23—VOUT_CAL_OFFSET
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the output voltage trim value.
16-bit, twos complement, Y value for linear format: V = Y × 2N. N is defined in the VOUT_MODE
command.
VOUT_MAX
The VOUT_MAX command sets an upper limit on the output voltage that the device can attain, regardless of any other commands or
combinations. If an attempt is made to program the output voltage higher than the limit set by this command, the device responds as follows:
•
The commanded output voltage is set to the VOUT_MAX value.
•
The “none of the above” bit is set in the STATUS_BYTE command (Register 0x78[0]).
•
The VOUT bit is set in the STATUS_WORD command (Register 0x79[15]).
•
The VOUT_MAX warning bit is set in the STATUS_VOUT command (Register 0x7A[3]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com