Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 66 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 66 of 113
Register Setting
Switching Frequency (kHz)
Accurate Switching Period (µs)
0000000111101010 (0x1EA)
490
2.04
0000000111110100 (0x1F4)
500
2.00
0000000111111110 (0x01FE)
510
1.96
0000001000001000 (0x0208)
520
1.92
0000001000010011 (0x0213)
531
1.88
0000001000011111 (0x0x21F)
543
1.84
0000001000101100 (0x022C)
556
1.80
0000001000111000 (0x0238)
568
1.76
0000001001000101 (0x0245)
581
1.72
0000001001010011 (0x0253)
595
1.68
0000001001100010 (0x0262)
610
1.64
0000001001110001 (0x0271)
625
1.60
Table 35. Register 0x33—FREQUENCY_SWITCH
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit, twos complement, N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R/W
11-bit, twos complement, Y value for linear format, X = Y × 2N.
VIN_ON
The VIN_ON command sets the value of the input voltage (in volts) at which the unit begins a power conversion.
Table 36. Register 0x35—VIN_ON
Bit
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit, twos complement, N value for linear format, X = Y × 2N, where N is in the range of
−12 to 0 decimal.
[10:0]
Mantissa
R/W
11-bit, twos complement, Y value for linear format, X = Y × 2N.
VIN_OFF
The VIN_OFF command sets the value of the input voltage (in volts) at which the unit stops power conversion after operation has started.
Table 37. Register 0x36—VIN_OFF
Bit
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit, twos complement, N value for linear format, X = Y × 2N, where N is in the range of
−12 to 0 decimal.
[10:0]
Mantissa
R/W
11-bit, twos complement, Y value for linear format, X = Y × 2N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com