Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 55 of 113
Command
Code
Command Name
PMBus/
SMBus
Transaction
Type1
Number
of Data
Bytes
Default
Value2 Description
0x4F
OT_FAULT_LIMIT
R/W
2
0x0000 Sets the limit for triggering the OT_FAULT flag.
0x50
OT_FAULT_RESPONSE
R/W
1
0x00
Establishes the fault response for the OT_FAULT flag.
0x5E
POWER_GOOD_ON
R/W
2
0x0000 Sets the output voltage at which an optional POWER_GOOD
signal is asserted.
0x5F
POWER_GOOD_OFF
R/W
2
0x0000 Sets the output voltage at which an optional POWER_GOOD
signal is negated.
0x60
TON_DELAY
R/W
2
0x0000 Determines the time from when a start condition is received
(as programmed by the ON_OFF_CONFIG command) until
the output voltage starts to rise.
0x61
TON_RISE
R/W
2
0xC00D Determines the time from when the output starts to rise
until the voltage has entered the regulation band.
0x64
TOFF_DELAY
R/W
2
0x0000 Determines the time from when a stop condition is received
(as programmed by the ON_OFF_CONFIG command) until
the unit stops transferring energy to the output.
0x78
STATUS_BYTE
R
1
0x00
Returns the low byte of the STATUS_WORD command.
0x79
STATUS_WORD
R
2
0x0000 Returns the low byte and high byte of the STATUS_WORD
command.
0x7A
STATUS_VOUT
R
1
0x00
Returns the fault flag for the output voltage.
0x7B
STATUS_IOUT
R
1
0x00
Returns the fault flag for the output current.
0x7C
STATUS_INPUT
R
1
0x00
Returns the fault flag for the input voltage and current.
0x7D
STATUS_TEMPERATURE
R
1
0x00
Returns the fault flag for the OT fault and warning.
0x7E
STATUS_CML
R
1
0x00
Returns the fault flag for the communication memory and
logic.
0x88
READ_VIN
R
2
0x0000 Returns the input voltage value.
0x89
READ_IIN
R
2
0x0000 Returns the input current value.
0x8B
READ_VOUT
R
2
0x0000 Returns the output voltage value.
0x8C
READ_IOUT
R
2
0x0000 Returns the output current value.
0x8D
READ_TEMPERATURE
R
2
0x0000 Returns temperature reading in degrees Celsius.
0x94
READ_DUTY_CYCLE
R
2
0x0000 Returns the duty cycle of the power converter.
0x95
READ_FREQUENCY
R
2
0x0000 Returns the switching frequency of the power converter.
0x96
READ_POUT
R
2
0x0000 Returns the output power of the power converter.
0x98
READ_PMBUS_REVISION
R
1
0x22
Reads the PMBus revision to which the device is compliant.
0x99
MFR_ID
R/W
1
0x00
Reads/writes the ID of the manufacturer.
0x9A
MFR_MODEL
R/W
1
0x00
Reads/writes the model number of the manufacturer.
0x9B
MFR_REVISION
R/W
1
0x00
Reads/writes revision number of the manufacturer.
0xA4
MFR_VOUT_MIN
R/W
2
N/A
Returns the minimum output voltage of the power
converter after achieving regulation.
0xA5
MFR_VOUT_MAX
R/W
2
N/A
Returns the maximum output voltage of the power
converter after achieving regulation.
0xA6
MFR_IOUT_MAX
R/W
2
N/A
Returns the maximum output current of the power
converter after achieving regulation.
0xA7
MFR_POUT_MAX
R/W
2
N/A
Returns the maximum output power of the power converter
after achieving regulation.
0xAD
IC_DEVICE_ID
R
2
0x4152 Reads the IC device ID.
0xAE
IC_DEVICE_REV
R
1
0x31
Reads the IC device revision.
0xB0
EEPROM_DATA_00
R block
Variable N/A
Block reads from Page 0. The EEPROM must first be unlocked.
0xB1
EEPROM_DATA_01
R block
Variable N/A
Block reads from Page 1. The EEPROM must first be unlocked.
0xB2
EEPROM_DATA_02
R/W block
Variable N/A
Block reads/writes to Page 2. The EEPROM must first be
unlocked for writes.
0xB3
EEPROM_DATA_03
R/W block
Variable N/A
Block reads/writes to Page 3. The EEPROM must first be
unlocked for writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com