Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 64 of 113
VOUT_TRANSITION_RATE
When the device receives either a VOUT_COMMAND command
or an OPERATION command (margin high, margin low) that
causes the output voltage to change, the VOUT_TRANSITION_
RATE command sets the rate, in mV/µs, at which the VS± pins
change voltage. This commanded rate of change does not apply
when the unit is turned on or off. The maximum positive value
(0x7BFF) of the two data bytes indicates that the unit makes the
transition as quickly as possible. Only the following limited
options are supported by the ADP1052.
Table 29. Register 0x27—VOUT_TRANSITION_RATE
(Rate-of-Change Options Supported by the ADP1052)
Register Setting
Rate of Change (mV/μs)
1001100000001101 (0x980D)
0.0015625
1010000000001101 (0xA00D)
0.003125
1010100000001101 (0xA80D)
0.00625
1011000000001101 (0xB00D)
0.0125
1011100000001101 (0xB80D)
0.025
1100000000001101 (0xC00D)
0.050
1100100000001101 (0xC80D)
0.1
1101000000001101 (0xD00D)
0.2
0111101111111111 (0x7BFF)
Infinite (default)
Table 30. Register 0x27—VOUT_TRANSITION_RATE
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit, twos complement,
N value for linear format,
X = Y × 2N.
[10:0]
Mantissa
R/W
11-bit, twos complement,
Y value for linear format,
X = Y × 2N.
VOUT_DROOP
The VOUT_DROOP command sets the rate, in mV/A (mΩ), at
which the output voltage decreases (or increases) with increasing
(or decreasing) output current for use with the adaptive voltage
positioning requirements and passive current sharing schemes.
The range of VOUT_DROOP in the ADP1052 is 0x0000 to
0x00FF (0 mΩ to 255 mΩ). Values not within this range are
invalid. An invalid value results in a CML error.
Table 31. Register 0x28—VOUT_DROOP
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R
5-bit, twos complement,
N value for linear format,
X = Y × 2N. N is fixed at 0.
[10:8]
Mantissa high bits
R
Mantissa high bits, Y[10:8],
value fixed at 0.
[7:0]
Mantissa low bits
R/W
Mantissa low bits, Y[7:0],
value for linear format,
X = Y × 2N.
VOUT_SCALE_LOOP
The VOUT_SCALE_LOOP command is equal to the feedback
resistor ratio. The nominal output voltage is set by a resistor
divider and the internal 1 V reference voltage. For example, if
the nominal output voltage is 12 V, the VOUT_SCALE_LOOP
value = 1 V/12 V = 0.08333 and the VOUT_SCALE_LOOP can
be set as 0xA155.
VOUT
KR
RESISTOR
DIVIDER
RATIO
ERROR
PROCESSING/
CONTROL LOOP
PMBus DEVICE
VOUT_
SCALE_
LOOP
VOUT_COMMAND
K
16
Figure 63. Conceptual View of the VOUT_SCALE_LOOP Command
Table 32. Register 0x29—VOUT_SCALE_LOOP
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit, twos complement,
N value for linear format,
KR = Y × 2N, where N is in
the range of −12 to 0
decimal.
[10:0]
Mantissa
R/W
11-bit, twos complement,
Y value for linear format,
KR = Y × 2N.
VOUT_SCALE_MONITOR
This command is typically the same as the VOUT_SCALE_LOOP
command. Use VOUT_SCALE_MONITOR for reading the output
voltage with the READ_VOUT command (Register 0x8B).
Table 33. Register 0x2A—VOUT_SCALE_MONITOR
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit, twos complement, N
value for linear format, KR
= Y × 2N, where N is in the
range of −12 to 0 decimal.
[10:0]
Mantissa
R/W
11-bit, twos complement,
Y value for linear format,
KR = Y × 2N.
FREQUENCY_SWITCH
The FREQUENCY_SWITCH command, which sets the switching
frequency in kHz, is in linear format. Only the following limited
switching frequency options are supported by the ADP1052. In the
ADP1052, because the switching frequency is calculated from the
switching period, the switching period value that is used is an
accurate measure, whereas the switching frequency may not be.
For example, for the first switching frequency option of 49 kHz
(see Table 34) the actual switching frequency is calculated by
1/(20.48 µs) = 48.828125 kHz, which is simplified (rounded) to
49 kHz.
To avoid an incorrect switching frequency setting, the GO
commands in Register 0xFE61[2:1] must be used to latch this
setting and the PWM setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com