Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 84 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 84 of 113
Table 119. Register 0xFE0C—Volt-Second Balance Blanking and SR Disable During Soft Start
Bits
Bit Name/Function
R/W
Description
[7:5]
Reserved
R/W
Reserved.
4
VIN_UV_FAULT reenable blank
R/W
0 = VIN_UV_FAULT flag is not blanked during the flag reenable delay. This is the
recommended setting if the input voltage signal can be sensed by the ADP1052 before the
PSU starts to operate.
1 = VIN_UV_FAULT flag is blanked during the flag reenable delay.
3
First flag ID update
R/W
This bit specifies whether the first flag ID is saved in the EEPROM. If it is set, the first flag ID
is saved in the EEPROM. During the VDD power reset, the first flag ID is downloaded from
the EEPROM to Register 0xFEA6.
0 = the first flag ID is not saved in the EEPROM.
1 = the first flag ID is saved in the EEPROM.
2
Flag shutdown timing
R/W
Specifies when the PWM outputs are shut down after a manufacturer specific flag is triggered.
0 = the PWM outputs are shut down at the end of the switching cycle.
1 = the PWM outputs are shut down immediately.
1
Volt-second balance blanking
R/W
0 = the volt-second balance control is not blanked during soft start.
1 = the volt-second balance control is blanked during soft start.
0
SR disable
R/W
0 = SR1 and SR2 are not disabled during soft start.
1 = SR1 and SR2 are disabled during soft start.
Table 120. Register 0xFE0D—PGOOD Mask Settings
Bits
Bit Name/Function
R/W
Description
7
VIN_UV_FAULT flag
R/W
1 = PGOOD ignores the VIN_UV_FAULT flag.
6
IIN_OC_FAST_FAULT flag
R/W
1 = PGOOD ignores the IIN_OC_FAST_FAULT flag.
5
IOUT_OC_FAULT flag
R/W
1 = PGOOD ignores the IOUT_OC_FAULT flag.
4
VOUT_OV_FAULT flag
R/W
1 = PGOOD ignores the VOUT_OV_FAULT flag.
3
VOUT_UV_FAULT flag
R/W
1 = PGOOD ignores the VOUT_UV_FAULT flag.
2
OT_FAULT flag
R/W
1 = PGOOD ignores the OT_FAULT flag.
1
OT_WARNING flag
R/W
1 = PGOOD ignores the OT_WARNING flag.
0
SR_RC_FAULT flag
R/W
1 = PGOOD ignores the SR_RC_FAULT flag.
Table 121. Register 0xFE0E—PGOOD Flag Debounce
Bits
Bit Name/Function
R/W
Description
7
CS1 cycle-by-cycle current limit
to disable OUTD
R/W
Setting this bit enables the CS1 cycle-by-cycle current limit to disable the OUTD output for the
remainder of the switching cycle when cycle-by-cycle current limiting occurs.
6
CS1 cycle-by-cycle current limit
to disable OUTC
R/W
Setting this bit enables the CS1 cycle-by-cycle current limit to disable the OUTC output for the
remainder of the switching cycle when cycle-by-cycle current limiting occurs.
5
CS1 cycle-by-cycle current limit
to disable OUTB
R/W
Setting this bit enables the CS1 cycle-by-cycle current limit to disable the OUTB output for the
remainder of the switching cycle when cycle-by-cycle current limiting occurs.
4
CS1 cycle-by-cycle current limit
to disable OUTA
R/W
Setting this bit enables the CS1 cycle-by-cycle current limit to disable the OUTA output for the
remainder of the switching cycle when cycle-by-cycle current limiting occurs.
[3:2]
PGOOD flag clearing debounce
R/W
These bits specify the PGOOD flag clearing debounce, which is the time from when the PGOOD
clearing condition is met to the time when the PGOOD flag is cleared.
Bit 3
Bit 2
PGOOD Flag Setting Debounce (ms)
0
0
0
0
1
200
1
0
320
1
1
600
[1:0]
PGOOD flag setting debounce
R/W
These bits specify the PGOOD flag setting debounce, which is the time from when the PGOOD
setting condition is met to the time when the PGOOD flag is set.
Bit 1
Bit 0
PGOOD Flag Clearing Debounce (ms)
0
0
0
0
1
200
1
0
320
1
1
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com