Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 40 of 113
The following flags can be configured to trigger protection
responses:
•
IIN_OC_FAST_FAULT
•
VOUT_OV_FAULT
•
CS3_OC_FAULT
•
VIN_UV_FAULT
•
FLAGIN
•
SR_RC_FAULT
The VOUT_OV_FAULT flag, which triggers the manufacturer
specific protection in Register 0xFE01[7:4], is used for conditional
overvoltage protection only. See the VOUT Overvoltage
Protection (OVP) section for details.
Each of the aforementioned flags can be programmed individually
to trigger one of the following responses:
•
Continue operation without interruption (flag ignored)
•
Disable SR1 and SR2
•
Disable all PWM outputs
After the condition that triggered the flag is resolved and the flag is
cleared, the ADP1052 can be programmed to respond as follows:
•
After the flag reenable delay time elapses, reenable the
disabled PWM outputs with a soft start sequence.
•
Reenable the disabled PWM outputs immediately without
the soft start process.
•
Keep the PWM output disabled. A PSON reset signal must
be used to reenable the PWM outputs with a soft start
sequence.
For the SR_RC_FAULT flag, there is a fourth response option: the
rising edges of SR1 and SR2 move to
tRx + tMODU_LIMIT − tOFFSET
where tRx represents tR1, tR2, and so forth.
After the flag is cleared, the ADP1052 can be programmed to
respond as follows:
•
SR1 and SR2 return to normal with soft start
•
SR1 and SR2 return to normal without soft start
For more information, see the Synchronous Rectification (SR)
Reverse Current Protection section.
The first flag that causes all PWM outputs to be disabled, and
also requires a soft start if the PWM outputs are reenabled, is
recorded as the first flag ID. For more information about use
of the first flag ID, see the First Flag ID Recording section.
A flag reenable delay can be set for the listed manufacturer
specific flags. This delay is used if the configured action for
a flag is to reenable the PWM outputs after the flag reenable delay.
This delay can be set to 250 ms, 500 ms, 1 sec, or 2 sec, using
Register 0xFE05[7:6].
PEAK DATA TELEMETRY
To detect excursions from nominal conditions, the ADP1052
supports a unique feature of recording the peak telemetry data
for the parameters listed in Table 9 (note that the values are
recorded and latched in their respective registers).
After the system has reached regulation, the values listed in
Table 9 are latched in the corresponding registers. The user can
poll the device for the peak (minimum/maximum) values by
performing a read operation from the corresponding registers.
In addition, the user can reset the peak registers by writing the
appropriate reset value (see Table 9).
To ensure that the correct peak value is recorded, a programmable
update rate is provided in Register 0xFE65[5:3] that varies at
speeds as slow as 2.6 ms and as fast as 82 µs. The slower the update
rate, the better the averaged value; however, if the update rate is
significantly larger than the duration of the peak excursion, the
peak value is averaged over the time period defined by the
update rate.
If the user intends to change the update rate on-the-fly, it is
recommended to clear the registers as defined in Table 9
immediately after writing to the update rate command.
Table 9. Recording Peak Telemetry Data Latch Values
Parameter
Register Name
Register Address
Value Written to
Reset Data
Minimum Output Voltage
MFR_VOUT_MIN
0xA4
0xFFFF
Maximum Output Voltage
MFR_VOUT_MAX
0xA5
0x0000
Maximum Output Current
MFR_IOUT_MAX
0xA6
0x0000
Maximum Output Power
MFR_POUT_MAX
0xA7
0x0000
Maximum Temperature
MFR_TEMPERATURE_MAX
0xC0
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com