Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 56 of 113
Command
Code
Command Name
PMBus/
SMBus
Transaction
Type1
Number
of Data
Bytes
Default
Value2 Description
0xB4
EEPROM_DATA_04
R/W block
Variable N/A
Block reads/writes to Page 4. The EEPROM must first be
unlocked for writes.
0xB5
EEPROM_DATA_05
R/W block
Variable N/A
Block reads/writes to Page 5. The EEPROM must first be
unlocked for writes.
0xB6
EEPROM_DATA_06
R/W block
Variable N/A
Block reads/writes to Page 6. The EEPROM must first be
unlocked for writes.
0xB7
EEPROM_DATA_07
R/W block
Variable N/A
Block reads/writes to Page 7. The EEPROM must first be
unlocked for writes.
0xB8
EEPROM_DATA_08
R/W block
Variable N/A
Block reads/writes to Page 8. The EEPROM must first be
unlocked for writes.
0xB9
EEPROM_DATA_09
R/W block
Variable N/A
Block reads/writes to Page 9. The EEPROM must first be
unlocked for writes.
0xBA
EEPROM_DATA_10
R/W block
Variable N/A
Block reads/writes to Page 10. The EEPROM must first be
unlocked for writes.
0xBB
EEPROM_DATA_11
R/W block
Variable N/A
Block reads/writes to Page 11. The EEPROM must first be
unlocked for writes.
0xBC
EEPROM_DATA_12
R/W block
Variable N/A
Block reads/writes to Page 12. The EEPROM must first be
unlocked for writes.
0xBD
EEPROM_DATA_13
R/W block
Variable N/A
Block reads/writes to Page 13. The EEPROM must first be
unlocked for writes.
0xBE
EEPROM_DATA_14
R/W block
Variable N/A
Block reads/writes to Page 14. The EEPROM must first be
unlocked for writes.
0xBF
EEPROM_DATA_15
R/W block
Variable N/A
Block reads/writes to Page 15. The EEPROM must first be
unlocked for writes.
0xC0
MFR_TEMPERATURE_MAX
R/W
2
N/A
Returns the maximum temperature of the power converter
after achieving regulation.
0xD1
EEPROM_CRC_CHKSUM
R
1
N/A
Returns the CRC checksum value from the EEPROM
download operation.
0xD2
EEPROM_NUM_RD_BYTES
R/W
1
N/A
Sets the number of return read bytes when using
EEPROM_DATA_xx commands.
0xD3
EEPROM_ADDR_OFFSET
R/W
2
N/A
Sets the address offset of the current EEPROM page.
0xD4
EEPROM_PAGE_ERASE
W
1
N/A
Performs a page erase on a selected page (Page 3 to Page 15).
Wait 35 ms for each page erase operation. The EEPROM
must first be unlocked. A page erase of Page 0 and Page 1 is
not allowed.
0xD5
EEPROM_PASSWORD
W
1
0xFF
Writes the password to this register to unlock the EEPROM,
and/or changes the EEPROM password.
0xD6
TRIM_PASSWORD
W
1
0xFF
Writes the password to this register to unlock the trim
registers for write access.
0xD7
CHIP_PASSWORD
W
2
0xFFFF Writes the password to this register to unlock the chip
password for register access.
0xD8
VIN_SCALE_MONITOR
R/W
2
0x0001 Establishes the scale factor for the input voltage reading
(READ_VIN).
0xD9
IIN_SCALE_MONITOR
R/W
2
0x0001 Establishes the scale factor for the input current reading
(READ_IIN).
0xF1
EEPROM_INFO
Read block
Variable N/A
Reads the first fault information.
0xFA
MFR_SPECIFIC_1
R/W
1
0x00
Stores the user customized information. This register also stores
the CS2 high-side mode factory analog trim value.
0xFB
MFR_SPECIFIC_2
R/W
1
0x00
Stores the user customized information test. This register
also stores the CS2 high-side mode digital offset trim value.
1
R means read, W means write, and R/W means read/write.
2
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com