Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 52 of 113
DOWNLOADING EEPROM SETTINGS TO INTERNAL
REGISTERS
Download User Settings to Registers
The user settings are stored in Page 1 of the EEPROM main
block. These settings are downloaded from the EEPROM into
the registers under the following conditions:
•
On power-up: the user settings are automatically
downloaded into the internal registers, powering up the
device in a state previously saved by the user.
•
On execution of the RESTORE_USER_ALL command
(Register 0x16): this command allows the user to force a
download of the user settings from Page 1 of the EEPROM
main block into the internal registers.
Download Factory Settings to Registers
The factory default settings are stored in Page 0 of the EEPROM
main block. The factory settings can be downloaded from the
EEPROM into the internal registers, using the RESTORE_
DEFAULT_ALL command (Register 0x12).
When this command is executed, the EEPROM password is also
reset to the factory default setting of 0xFF.
SAVING REGISTER SETTINGS TO THE EEPROM
The register settings cannot be saved to the factory scratch pad
located in Page 0 of the EEPROM main block. This is to prevent
the user from accidentally overriding the factory trim settings
and the default register settings.
Save Register Settings to the User Settings
The register settings can be saved to the user settings located in
Page 1 of the EEPROM main block using the STORE_USER_ALL
command (Register 0x15). Before this command can be executed,
the EEPROM must first be unlocked for writing (see the Unlock
the EEPROM section).
After the register settings are saved to the user settings, any
subsequent power cycle automatically downloads the latest
stored user information from the EEPROM into the internal
registers.
Note that execution of the STORE_USER_ALL command
automatically performs a page erase on Page 1 of the EEPROM
main block, after which the registers are stored in the EEPROM.
Therefore, it is important to wait at least 40 ms for the operation
to complete before executing the next PMBus command.
EEPROM CRC CHECKSUM
As a simple method of checking that the values downloaded
from the EEPROM and the internal registers are consistent,
a CRC checksum is implemented.
When the data from the internal registers is saved to the
EEPROM (Page 1 of the main block), the total number of 1s
from all the registers is counted and written into the EEPROM
as the last byte of information. This is called the CRC checksum.
When the data is downloaded from the EEPROM into the
internal registers, a similar counter is saved that sums all
1s from the values loaded into the registers. This value is
compared with the CRC checksum from the previous upload
operation.
If the values match, the download operation was successful.
If the values differ, the EEPROM download operation failed,
and the CRC_FAULT flag is set (Register 0xFEA2[2]).
To read the EEPROM CRC checksum value, execute the
EEPROM_CRC_CHKSUM command (Register 0xD1). This
command returns the CRC checksum accumulated in the counter
during the download operation.
Note that the CRC checksum is an 8-bit cyclical accumulator
that wraps around to 0 when 255 is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com