Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 39 of 113
CS3 Overcurrent Protection
CS3 overcurrent protection provides alternative output overcurrent
protection if the CS2 current sense is not available. The reading
is calculated from the CS1 and duty cycle readings.
The CS3_OC_FAULT flag (Register 0xFEA0[3]) is set when
the CS3 current reading of the eight most significant bits (MSBs)
in Register 0xFEA9 exceeds the CS3_OC_FAULT_LIMIT that is
programmed in Register 0xFE6A. The debounce time of the flag
setting can be programmed at 0 ms, 10 ms, 20 ms, or 200 ms in
Register 0xFE19[6:5]. The response of the CS3_OC_FAULT flag
is programmed in the CS3_OC_FAULT_RESPONSE bits
(Register 0xFE01[3:0]). See the Manufacturer Specific Protection
Responses section and the register settings for specific action
information.
Synchronous Rectification (SR) Reverse Current
Protection
In SR applications, the reverse current may flow from VOUT
through the output inductor, SRs, and current sense resistor to
ground. If the SRs are turned off during a large reverse current
condition, the high voltage stress caused by the large di/dt of
current flowing into the output inductor may damage the
synchronous rectifiers.
An analog comparator with programmable references
implements the SR reverse current detection. The reverse current
protection limit, SR_RC_FAULT_LIMIT, is programmed using
Register 0xFE1A[2:0]. If the negative differential voltage between
the CS2− pin (Pin 3) and CS2+ pin (Pin 4) falls below the value
programmed in Register 0xFE1A[2:0], the SR_RC_FAULT flag
is triggered. The debounce time for triggering the SR_RC_FAULT
flag is 40 ns or 200 ns, set by Register 0xFE1A[3].
DEBOUNCE
REG 0xFE1A[3]
SR_RC_FAULT
FLAG
REG 0xFEA1[5]
VOUT
CS2–
CS2+
ADC
12 BITS
ADP1052
225µA
225µA
SR_RC_FAULT_LIMIT
REG 0xFE1A[2:0]
Figure 42. SR FET Reverse Current Protection
To suppress the reverse current, the SR_RC_FAULT flag
response is set in the SR_RC_FAULT_ RESPONSE bits
(Register 0xFE03[7:4]). In addition to the three response options
of continuing operation without interruption, disabling SR1 and
SR2, and disabling all the PWM outputs, there is a fourth fault
response mode: changing the rising edge position of SR1 and
SR2. Using this protection mode, the rising edges of SR1 and SR2
each maintain a fixed value, effective from the next switching
cycle (typically SR1 and SR2 are set to 50% duty cycle for best
performance). The fixed values of the rising edge timings for SR1
and SR2 can be determined as follows:
tRx + tMODU_LIMIT − tOFFSET
where:
tRx is the timing of the rising edges of SR1 and SR2 (see Figure 68).
tMODU_LIMIT is the modulation limit defined in Register 0xFE3C.
tOFFSET is the offset setting in Register 0xFE68.
After the fault flag is cleared, SR1 and SR2 can be set to return
immediately to normal condition or follow the soft recovery
process, as specified in Register 0xFE03[5:4]. For the best
reverse current protection performance, use the previously
defined settings to fine tune the SR1 and SR2 PWM timing.
Using this protection mode to set the 50% duty cycle operation
of the SR1 and SR2 signals discharges energy in the output back
to the input and suppresses the reverse current. Accordingly, the
drain to source voltage (VDS) stress of the synchronous rectifiers is
suppressed. See the Manufacturer Specific Protection Responses
section and the register settings for specific action information.
FLAGIN Protection
The SYNI/FLGI pin (Pin 13) can be configured in flag input mode
(FLGI). An external signal can be sent to the ADP1052 to trigger
an action. The polarity of the external signal is configured by the
FLGI polarity bit (Register 0xFE12[2]). When the ADP1052
detects an external signal, the FLAGIN flag is set. The response to
the FLAGIN flag is programmed in the FLAGIN_RESPONSE
bits (Register 0xFE03[3:0]). See the Manufacturer Specific
Protection Responses section and the register settings for the
more information about the actions that can be programmed.
VDD OVLO Protection
The ADP1052 has built-in overvoltage protection (OVP) on
its supply rail. The VDD overvoltage response bits (VDD_OV_
RESPONSE), found in Register 0xFE05[5:4], are used to specify
the response to a VDD overvoltage condition.
If Register 0xFE05[5] = 0, the VDD_OV flag is set and the
ADP1052 shuts down when the VDD voltage rises above the
OVLO threshold. When the VDD overvoltage condition ends,
the VDD_OV flag is cleared and the ADP1052 downloads
the EEPROM contents before restarting with a soft start
process. Program the debounce time of the VDD_OV flag
using Register 0xFE05[4].
If Register 0xFE05[5] = 1, the VDD_OV flag is always cleared,
regardless of VDD voltage conditions. The ADP1052 continues to
operate without interruption. However, programming the
VDD_OV flag response as always cleared is not recommended.
MANUFACTURER SPECIFIC PROTECTION
RESPONSES
For the VDD_OV flag and protection action, see the VDD
OVLO Protection section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com