Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 96 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 96 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 94Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 95Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 96Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 97Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 98Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 99Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 96 of 113
Figure 67 and Register 0xFE3C in Table 159 describe the modulation limit settings.
tRX
tFX
tRY
tFY
t0, START OF
SWITCHING CYCLE
tS/2
tS, END OF
SWITCHING CYCLE
3
tS/2
OUTx
OU
TY
tMODU_LIMIT
tMODU_LIMIT
Figure 67. Setting Modulation Limits
Table 159. Register 0xFE3C—Modulation Limit
Bits
Bit Name/Function
R/W
Description
[7:0]
Modulation limit
R/W
This register sets the modulation limit, tMODU_LIMIT (maximum duty cycle). The modulation limit is the
maximum time variation for the modulated edges from the default timing (see Figure 67). The step
size of an LSB depends on the switching frequency.
Switching Frequency Range (kHz)
LSB Step Size (ns)
49 to 87
80
97.5 to 184
40
195.5 to 379
20
390.5 to 625
10
Table 160. Register 0xFE3D—Feedforward and Soft Start Filter Gain
Bits
Bit Name/Function
R/W
Description
7
Soft start enable of open-loop
input voltage feedforward
operation
R/W
Setting this bit enables the soft start procedure of the open-loop input voltage
feedforward operation. If this function is used, set Bit 6.
6
Open-loop input voltage
feedforward operation enable
R/W
0 = open-loop input voltage feedforward operation is disabled.
1 = open-loop input voltage feedforward operation is enabled.
5
High frequency ADC debounce time
R/W
This bit sets the debounce time for detecting the settling of the VS high frequency
ADC. Bit 4 must be set to 1 to enable this function.
0 = 5 ms debounce time.
1 = 10 ms debounce time.
4
High frequency ADC debounce
enable
R/W
Setting this bit enables a debounce time for detecting the settling of the VS high frequency
ADC at the end of a soft start. The debounce time is set using Bit 5.
3
Feedforward ADC selection
R/W
Always set this bit to select the 11-bit VF ADC (factory default setting).
2
Feedforward enable
R/W
This bit enables or disables feedforward control during closed-loop operation.
0 = closed-loop input voltage feedforward control is disabled.
1 = closed-loop input voltage feedforward control is enabled.
[1:0]
Soft start filter gain
R/W
These bits set the soft start gain of the soft start filter.
Bit 1
Bit 0
Soft Start Filter Gain
0
0
1
0
1
2
1
0
4
1
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com