Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 47 of 113
Table 11. Abbreviations Used in Data Transfer Diagrams
Abbreviation
Description
Setting1
S
Start condition
N/A
P
Stop condition
N/A
Sr
Repeated start condition
N/A
W
Write bit
0
R
Read bit
1
A
Acknowledge bit
0
A
No acknowledge bit
1
1 N/A means not applicable.
Command Overview
Data transfer using the PMBus slave is established using PMBus
commands. The PMBus specification requires that all PMBus
commands start with a slave address, with the R/W bit cleared
to 0, followed by the command code. All PMBus commands that
are supported by the ADP1052 follow one of the protocol types
shown in Figure 47 through Figure 53.
The ADP1052 also supports manufacturer specific extended
commands. These commands follow the same protocol as the
standard PMBus commands; however, the command code
consists of two bytes that range from 0xFF00 to 0xFFAF.
Using the manufacturer specific extended commands, the PMBus
device manufacturer can add an additional 256 manufacturer
specific commands to its PMBus command set.
MASTER TO SLAVE
SLAVE TO MASTER
SP
A
A
W
7-BIT SLAVE
ADDRESS
8-BIT DATA
Figure 46. Basic Data Transfer
SP
A
A
W
7-BIT SLAVE ADDRESS
COMMAND CODE
MASTER TO SLAVE
SLAVE TO MASTER
Figure 47. Send Byte Protocol
A
SP
A
ADATA BYTE
W
7-BIT SLAVE
ADDRESS
COMMAND
CODE
MASTER TO SLAVE
SLAVE TO MASTER
Figure 48. Write Byte Protocol
A
A
COMMAND
CODE
A
S
P
DATA BYTE
LOW
W
7-BIT SLAVE
ADDRESS
A
DATA BYTE
HIGH
MASTER TO SLAVE
SLAVE TO MASTER
Figure 49. Write Word Protocol
A
SA
A
W
7-BIT SLAVE
ADDRESS
COMMAND
CODE
P
RDATA BYTE
Sr
A
7-BIT SLAVE
ADDRESS
MASTER TO SLAVE
SLAVE TO MASTER
Figure 50. Read Byte Protocol
AA
SA
A
W
7-BIT SLAVE
ADDRESS
COMMAND
CODE
P
R
Sr
7-BIT SLAVE
ADDRESS
MASTER TO SLAVE
SLAVE TO MASTER
DATA BYTE
LOW
DATA BYTE
HIGH
A
Figure 51. Read Word Protocol
A
A
SA
A
W
7-BIT SLAVE
ADDRESS
COMMAND
CODE
P
A
BYTE COUNT =
N
DATA BYTE 1
DATA BYTE N
MASTER TO SLAVE
SLAVE TO MASTER
Figure 52. Block Write Protocol
Sr
A
7-BIT SLAVE
ADDRESS
A
R
A
SA
W
7-BIT SLAVE
ADDRESS
COMMAND
CODE
A
BYTE COUNT =
N
DATA BYTE 1
MASTER TO SLAVE
SLAVE TO MASTER
P
A
DATA BYTE N
Figure 53. Block Read Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com