Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 15 of 113
PWM OUTPUTS (OUTA, OUTB, OUTC, OUTD, SR1,
AND SR2)
The PWM outputs control the primary side drivers and the
synchronous rectifier drivers. They can be used for several
topologies, such as hard-switched full bridge, zero-voltage-switched
full bridge, phase shifted full bridge, half bridge, push pull, two-
switch forward, active clamp forward, and interleaved buck.
Delays between rising and falling edges are individually
programmable. Special care is required to avoid shoot through and
cross conduction. The ADP1052 GUI software is recommended
to program these outputs.
Figure 12 shows an example configuration to drive a zero-
voltage-switched full bridge topology with synchronous
rectification. The QA, QB, QC, QD, QSR1, and QSR2 switches
are driven separately by the PWM outputs (OUTA, OUTB,
OUTC, OUTD, SR1, and SR2). Figure 13 shows an example of
PWM settings for the power stage shown in Figure 12.
All PWM and SRx outputs are synchronized with each other.
Therefore, when reprogramming more than one of these
outputs, it is important to first update all of the registers and
then latch the information into the shadow registers simulta-
neously. During the reprogramming operation, the outputs are
temporarily disabled.
To ensure that new PWM timings and the switching frequency
setting are programmed simultaneously, a special instruction is
sent to the ADP1052 by setting Register 0xFE61[2:1] (the GO
commands, see Table 181). It is recommended to disable the PWM
outputs that are not in use via Register 0xFE53[5:0]. See the
PWM Outputs Timing Registers section for additional
information about the PWM timings.
SYNCHRONOUS RECTIFICATION
SR1 and SR2 are recommended to serve as the PWM control
signals when synchronous rectification is in use. These PWM
signals can be configured much like the other PWM outputs.
An optional soft start can be applied to the SR PWM outputs.
Use Register 0xFE08[4:0] to program the SR soft start.
When the SR soft start is disabled (Register 0xFE08[1:0] = 00), the
SRx pin signals are immediately turned on to their modulated
PWM duty cycle values.
When the SR soft start is enabled (Register 0xFE08[1:0] = 11),
the SR1 and SR2 rising edges move left from the tRX + tMODU_LIMIT
position to the tRX + tMODULATION position in steps that are set in
Register 0xFE08[3:2]. In these positions, tRX represents the
rising edge timing of SR1 (tR5) and the rising edge timing of SR2
(tR6) (see Figure 68); tMODU_LIMIT represents the modulation limit
defined in Register 0xFE3C (see Figure 67); tMODULATION represents
the real-time modulation value.
The SR soft start is applicable even when the SR1 and SR2 pins
are not programmed for modulation. When the SR soft start is
enabled, the SR1 and SR2 rising edges move left from the tRX +
tMODU_LIMIT position to the tRX position in steps that are set in
Register 0xFE08[3:2].
ISOLATOR
DRIVER
OUTA
OUTB
OUTC
OUTD
SR1
SR2
VIN
QA
QD
QC
QB
QSR2
QSR1
DRIVER
Figure 12. PWM Assignment for Zero-Voltage-Switched Full Bridge Topology with Synchronous Rectification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com