Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 34 of 113
DUTY CYCLE READING
The READ_DUTY_CYCLE command (Register 0x94, which gives
the duty cycle of the PWM output value) is updated every 10 ms.
Register 0xFE58[5:2] is set for correct reading of general PWM
type topologies; these bits select the PWM channel (OUTA to
OUTD) for which the duty cycle value is reported. When phase-
shifted full bridge topology is used, Register 0xFE58[1] must be set
to 1. The duty cycle value is calculated based on the overlapping
of the timing of OUTA and OUTD.
SWITCHING FREQUENCY READING
The READ_FREQUENCY command (Register 0x95) is used to
report the switching frequency information in kHz.
TEMPERATURE READING
The RTD pin (Pin 23) is set up for use with an external negative
temperature coefficient (NTC) thermistor. The RTD pin has an
internal programmable current source. An ADC monitors the
voltage on the RTD pin. The RTD ADC has an input range of
1.6 V. The raw data is stored in Register 0xFEAB. It is a 12-bit
reading, which means that the LSB size is 1.6 V/4096 =
390.625 μV.
Using Register 0xFE2D[7:6], an internal precision current source
can be configured to generate a 10 μA, 20 μA, 30 μA, or 40 μA
current. This current source can be trimmed by means of an
internal DAC to compensate for thermistor accuracy. To set the
current source to the factory default value of 46 μA, write 0xE6
to Register 0xFE2D.
The output of the RTD ADC is linearly proportional to the voltage
on the RTD pin; however, thermistors exhibit a nonlinear function
of resistance vs. temperature. Therefore, it is necessary to perform
postprocessing on the RTD ADC reading to read the temperature
accurately.
By connecting an external resistor in parallel with the NTC ther-
mistor, linearization is achieved. Figure 36 shows the RTD and
OTP operation. Using the factory default value of 46 μA and
the linearization scheme, the temperature, expressed in degrees
Celsius (°C), can be read directly via the READ_TEMPERATURE
command (Register 0x8D). The temperature reading is derived
from the RTD ADC output at an update rate of every 10 ms;
however, by using Register 0xFE65[2:0], the update rate can be
changed to 63 ms, 126 ms, 252 ms, or 504 ms. The ADP1052
implements a linearization scheme based on a preselected combi-
nation of external components and current selection (see the
Temperature Linearization Scheme section).
Optionally, the user can process the RTD reading and perform
postprocessing in the form of a lookup table or polynomial
equation to match the specific NTC thermistor used.
In this case, the external resistor in parallel is not needed. With an
internal current source of 46 μA, the equation to calculate the
ADC code at a certain NTC value (RX) is given by the following
formula:
ADC CODE = 46 μA × Rx/390.7 μV
For example, at 60°C, the NTC thermistor connected to the
RTD pin is 21.82 kΩ. Therefore,
RTD ADC CODE = 46 μA × 21.82 kΩ/390.7 μV = 2570
For the overtemperature function, the RTD threshold (in volts)
can be transferred through the OT_FAULT_LIMIT command in
Register 0x4F, using the linearization equations shown in the
Temperature Linearization Scheme section.
Alternatively, the temperature reading and overtemperature
protection function can be implemented by applying an external
analog temperature sensor, such as the STLM20. See Figure 35
for more information. Using this solution, the temperature sense
range can be as low as −40°C. To facilitate this approach, disable
the internal current by writing 0x00 to Register 0xFE2D and setting
Register 0xFE2B[2]. The temperature reading in °C can be
derived by the following formula:
T = 159.65 −
R2
R2
R1
CODE
ADC
+
×
92
.
29
where the ADC CODE is the reading in Register 0xFEAB[15:4].
The recommended values of R1 and R2 are 20 kΩ and 10 kΩ,
respectively.
RTD
RTD
ADC
RTD TEMPERATURE
VALUE REGISTER
R2
10kΩ
10µA/20µA/30µA/40µA
REG 0xFEAB[15:4]
R1
20kΩ
STLM20
VOUT
GND
Figure 35. Temperature Sensing by an Analog Temperature Sensor
RTD
RTD
ADC
100kΩ
NTC
OT_FAULT_LIMIT
REG 0x4F
RTD TEMPERATURE
VALUE REGISTER
OT_FAULT
RESPONSE
16.5kΩ
10µA/20µA/30µA/40µA
REG 0xFEAB[15:4]
SIGNAL
CONDITIONING
TEMPERATURE
VALUE IN
CELSIUS
READ_TEMPERATURE
REG 0x8D
OT_FAULT FLAG
REG 0x7D[7]
PGOOD
OT_FAULT_RESPONSE
REG 0x50
Figure 36. RTD and OTP Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com