Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 69 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 69 of 113
IOUT_OC_FAULT_LIMIT
The IOUT_OC_FAULT_LIMIT command sets the threshold value for overcurrent protection of the output voltage.
Table 43. Register 0x46—IOUT_OC_FAULT_LIMIT
Bit
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit, twos complement, N value for linear format X = Y × 2N. N should be in the range of
−12 to 0 decimal.
[10:0]
Mantissa
R/W
11-bit, twos complement, Y value for linear format X = Y × 2N.
IOUT_OC_FAULT_RESPONSE
Table 44. Register 0x47—IOUT_OC_FAULT_RESPONSE
Bit
Bit Name/Function
R/W
Description
[7:6]
Response
R/W
00 = operates in current-limit mode, maintaining the output current at the IOUT_OC_FAULT_LIMIT,
regardless of the output voltage (known as the constant current).
01 = operates in current-limit mode, maintaining the output current at the IOUT_OC_FAULT_LIMIT
for as long as the output voltage remains above the IOUT_OC_LV_FAULT_LIMIT. If the output
voltage is pulled down to less than that value, the ADP1052 shuts down and responds according
to the retry setting in Bits[5:3].
10 = continues operation in current-limit mode for the Delay Time 1 set by Bits[2:0], regardless of
the output voltage. If the ADP1052 is still operating in current limit at the end of the delay time, it
responds as programmed by the retry setting in Bits[5:3].
11 = shuts down and responds as programmed by the retry setting in Bits[5:3].
[5:3]
Retry setting
R/W
000 = restart not attempted. The output remains disabled until the fault is cleared.
001 to 110 = attempts to restart the number of times set by these bits. If the ADP1052 fails to
restart (the fault condition is no longer present and the ADP1052 is delivering power to the output
and operating as programmed) in the allowed number of retries, it disables the output and remains off
until the fault is cleared. The time between the start of each attempt to restart is set by the Delay
Time 2 value in Bits[2:0], together with the delay time unit specified for that particular fault.
111 = attempts to restart continuously, without limitation, until it is commanded off (by the CTRL
pin or the OPERATION command, or both), bias power is removed, or another fault condition causes
the unit to shut down.
[2:0]
Delay time
R/W
These bits set the delay time.
Bit 2
Bit 1
Bit 0
Delay Time 1 (ms)
Delay Time 2 (ms)
0
0
0
0
252
0
0
1
20
588
0
1
0
40
924
0
1
1
80
1260
1
0
0
160
1596
1
0
1
320
1932
1
1
0
640
2268
1
1
1
1280
2604
IOUT_OC_LV_FAULT_LIMIT
The IOUT_OC_LV_FAULT_LIMIT command sets the voltage threshold in cases for which the response to an overcurrent condition is to
operate in a constant current mode unless the output voltage is pulled below the specified limit value.
Table 45. Register 0x48—IOUT_OC_LV_FAULT_LIMIT
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
16-bit, unsigned integer Y value for linear format X = Y × 2N. N is defined in the VOUT_MODE
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com