Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1052ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
Digital Controller for Isolated
Power Supply with PMBus Interface
Data Sheet
ADP1052
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Peak data telemetry recording
High speed input voltage feedforward control
6 pulse-width modulation (PWM) logic outputs with 625 ps
resolution
Switching frequency: 49 kHz to 625 kHz
Frequency synchronization as master and slave device
Multiple energy saving modes
Adaptive dead time compensation for efficiency optimization
Low power consumption: 100 mW typical
Direct parallel control for power supplies without OR’ing devices
Accurate droop current share
Prebias startup
Reverse current protection
Conditional overvoltage protection
Extensive fault detection and protection
PMBus compliant
Graphical user interface (GUI) for ease of programming
On-board EEPROM for programming and data storage
Available in a 24-lead, 4 mm × 4 mm LFCSP
−40°C to +125°C operating temperature
APPLICATIONS
High density isolated dc-to-dc power supplies
Intermediate bus converters
High availability parallel power systems
Server, storage, industrial, networking, and communications
infrastructure
GENERAL DESCRIPTION
The ADP1052 is an advanced digital controller with a PMBus™
interface targeting high density, high efficiency, dc-to-dc power
conversion. This controller implements voltage mode control with
high speed, input line feedforward for enhanced transient and
improved noise performance. The ADP1052 has six programmable
pulse-width modulation (PWM) outputs capable of controlling
most high efficiency power supply topologies, with added control
of synchronous rectification (SR). The device includes adaptive
dead time compensation to improve efficiency over the load range,
and programmable light load mode operation, combined with
low power consumption, to reduce system standby power losses.
The ADP1052 implements several features to enable a robust
system of parallel and redundant operation for customers that
require high availability or parallel connection. The device provides
synchronization, reverse current protection, prebias startup,
accurate current sharing between power supplies, and conditional
overvoltage techniques to identify and safely shut down an
erroneous power supply in parallel operation mode.
The ADP1052 is based on flexible state machine architecture
and is programmed using an intuitive GUI. The easy to use
interface reduces design cycle time and results in a robust,
hardware coded system loaded into the built-in EEPROM. The
small size (4 mm × 4 mm) LFCSP package makes the ADP1052
ideal for ultracompact, isolated dc-to-dc power module or
embedded power designs.
TYPICAL APPLICATIONS CIRCUIT
RES
RTD
ADD
VCORE
PG/ALT
CTRL SDA
SCL
AGND
OUTA
OUTB
OUTC
OUTD
CS1
SR1
SR2
VF
OVP
SYNI/FLGI
VDD
DRIVER
DRIVER
LOAD
VS+
DC
INPUT
PMBus
CS2– CS2+
VS–
ADP1052
Coupler®
i
Figure 1.


Similar Part No. - ADP1052ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1050 AD-ADP1050 Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
ADP1050ACPZ-R7 AD-ADP1050ACPZ-R7 Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
ADP1050ACPZ-RL AD-ADP1050ACPZ-RL Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
ADP1050DC1-EVALZ AD-ADP1050DC1-EVALZ Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
More results

Similar Description - ADP1052ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
Digital Controller for Isolated Power Supply Applications
Rev. PrA
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Analog Devices
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
Digital Controller for Power Supply Applications with PMBus Interface
REV. A
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
Digital Power Monitor with PMBus Interface
3/15-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com