Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 71 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 71 of 113
POWER_GOOD_ON
The POWER_GOOD_ON command sets the output voltage (in volts) at which the POWER_GOOD signal asserts. The POWER_GOOD status
bit (POWER_GOOD) in the STATUS_WORD command is always reflective of VOUT with regard to the POWER_GOOD_ON and
POWER_GOOD_OFF limits.
Table 48. Register 0x5E—POWER_GOOD_ON
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the output voltage for the POWER_GOOD_ON command.
16-bit, unsigned Integer Y value for linear format X = Y × 2N. N is defined by the VOUT_MODE
command.
POWER_GOOD_OFF
The POWER_GOOD_OFF command sets the output voltage (in volts) at which the POWER_GOOD signal is negated. The POWER_GOOD
status bit (POWER_GOOD) in the STATUS_WORD command is always reflective of VOUT with regard to the POWER_GOOD_ON and
POWER_GOOD_OFF limits.
Table 49. Register 0x5F—POWER_GOOD_OFF
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the output voltage for the POWER_GOOD_OFF command.
16-bit, unsigned Integer Y value for linear format X = Y × 2N. N is defined by the VOUT_MODE
command.
TON_DELAY
The TON_DELAY command sets the turn-on delay time in milliseconds (ms).The ADP1052 supports only those options listed in Table 50.
Table 50. Register 0x60—TON_DELAY (Turn-On Delay Options Supported in the ADP1052)
Register Setting
Turn-On Delay Time (ms)
0000000000000000 (0x0000)
0
0000000000001010 (0x000A)
10
0000000000011001 (0x0019)
25
0000000000110010 (0x0032)
50
0000000001001011 (0x004B)
75
0000000001100100 (0x0064)
100
0000000011111010 (0x00FA)
250
0000001111101000 (0x03E8)
1000
Table 51. Register 0x60—TON_DELAY
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit, twos complement, N value for linear format, X = Y × 2N.
[10:0]
Mantissa
R/W
11-bit, twos complement, Y value for linear format, X = Y × 2N.
TON_RISE
The TON_RISE command sets the turn-on rise time in ms. Only the values listed in Table 52 are supported in the ADP1052.
Table 52. Register 0x61—TON_RISE (Turn-On Rise Time Options Supported in the ADP1052)
Register Setting
Turn-On Rise Time (ms)
1100000000001101 (0xC00D)
0.05
1101000000001101 (0xD00D)
0.2
1111000000000111 (0xF007)
1.75
1111100000010101 (0xF815)
10.5
0000000000010101 (0x0015)
21
1111000010100001 (0xF0A1)
40.25
0000000000111100 (0x003C)
60
0000000001100100 (0x0064)
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com