Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 86 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 86 of 113
SWITCHING FREQUENCY AND SYNCHRONIZATION REGISTERS
When synchronization is enabled, the ADP1052 takes the SYNI signal and adds the tSYNC_DELAY, together with a 760 ns propagation delay, to
generate the internal synchronization reference clock as shown in Figure 65. The ADP1052 uses the reference clock to generate its own clock.
760ns +
tSYNC_DELAY
t0
tS
CLOCKSYNC
SYNI
Figure 65. Synchronization Timing
Table 123. Register 0xFE11—Synchronization Delay Time
Bits
Bit Name/Function
R/W
Description
[7:0]
tSYNC_DELAY
R/W
Sets the additional delay of the synchronization reference clock to the rising edge of the SYNI pin
signal. Each LSB size is 40 ns. Note that this delay time cannot exceed one switching period. If the
PWM 180° phase shift is enabled, this delay time cannot exceed one-half of one switching period.
Table 124. Register 0xFE12—Synchronization General Settings
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
6
Phase capture range
for synchronization
R/W
Sets the phase capture range. The ADP1052 detects the phase shift between the external and internal
clocks when synchronization function is enabled. When the phase shift falls within the range,
synchronization starts.
0 = phase capture range is ±3.125% (±11.25°).
1 = phase capture range is ±6.25% (±22.5°). This is the recommended setting.
5
OUTD used as SYNO
R/W
0 = OUTD is used as the PWM output.
1 = OUTD is used as SYNO output.
4
OUTC used as SYNO
R/W
0 = OUTC is used as PWM output.
1 = OUTC is used as SYNO output.
3
Enable
synchronization
R/W
Setting this bit enables frequency synchronization as a slave device. The ADP1052 synchronizes with the
external clock through the SYNI/FLGI pin. Bit 0 = 0 when synchronization is enabled.
2
FLGI polarity
R/W
Sets the polarity for the SYNI/FLGI pin when the pin is programmed as FLGI.
0 = a high logic level on the FLGI pin sets the FLAGIN flag; a low logic level clears the FLAGIN flag.
1 = a low logic level on the FLGI pin sets the FLAGIN flag; a high logic level sets the FLAGIN flag.
1
FLAGIN flag
debounce time
R/W
0 = 0 μs debounce time for the FLAGIN flag.
1 = 100 μs debounce time for the FLAGIN flag.
0
SYNI/FLGI pin
function selection
R/W
Configures the SYNI/FLGI pin as a flag input or a synchronization input. When SYNI is not enabled,
this bit must be set to 1.
0 = the SYNI/FLGI pin is used as the synchronization input (SYNI).
1 = the SYNI/FLGI pin is used as the flag input (FLGI).
Table 125. Register 0xFE13—Dual-Ended Topology Mode
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
6
Dual-ended
topology enable
R/W
To use dual-ended topologies, set this bit to 1. It affects the modulation high limit. The modulation
limit in each half cycle is one-half of the modulation limit that is programmed in Register 0xFE3C.
0 = operates in single-ended topologies, such as buck, forward, and flyback.
1 = operates in dual-ended topologies, such as full bridge, half bridge, and push pull.
[5:0]
Reserved
R/W
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com