Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 81 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 81 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 81 of 113
Table 112. Register 0xFE03—Flag Response Register Bit Descriptions
Bits
Bit Name/Function
R/W
Description
[7:6]
Fault response
R/W
These bits specify the action when the flag is set.
Bit 7
Bit 6
Fault Response
0
0
Continues operation without interruption.
0
1
Disables SR1 and SR2.
1
0
Disables all PWM outputs.
1
1
The rising edges of SR1 and SR2 move to tRx + tMODU_LIMIT − tOFFSET. See the
Synchronous Rectification (SR) Reverse Current Protection section for more
information.
[5:4]
Action after the fault
flag is cleared
R/W
These bits specify the action when the flag is cleared.
Bit 5
Bit 4
Bits[7:6] = 01 or 10
Bits[7:6] = 11
0
0
After the flag reenable delay time, the PWM
outputs are reenabled with a soft start.
SR1 and SR2 follow the soft recovery
process.
0
1
The PWM outputs are reenabled
immediately without a soft start.
SR1 and SR2 immediately recover to
normal condition.
1
0
A PSON signal is needed to reenable the
PWM outputs.
Reserved.
1
1
Reserved.
Reserved.
[3:2]
Fault response
R/W
These bits specify the action when the flag is set.
Bit 3
Bit 2
Fault Response
0
0
Continues operation without interruption.
0
1
Disable SR1 and SR2.
1
0
Disable all PWM outputs.
1
1
Reserved.
[1:0]
Action after the fault
flag is cleared
R/W
These bits specify the action when the flag is cleared.
Bit 1
Bit 0
Action After Fault Flag Clears
0
0
After the flag reenable delay time, the PWM outputs are reenabled with a soft start.
0
1
The PWM outputs are reenabled immediately without a soft start.
1
0
A PSON signal, programmed in Register 0x01, Register 0x02, and/or the CTRL pin, is
needed to reenable the PWM outputs.
1
1
Reserved.
Table 113. Register 0xFE05—Flag Reenable Delay, VDD_OV_RESPONSE
Bits
Bit Name/Function
R/W
Description
[7:6]
Flag reenable delay
R/W
These bits specify the global delay from the time when a manufacturer specific flag is cleared to the
soft start.
Bit 7
Bit 6
Typical Delay Time (sec)
0
0
250 m
0
1
500 m
1
0
1
1
1
2
5
VDD_OV flag ignore
R/W
This bit enables or disables the VDD_OV flag.
0 = the VDD_OV flag is set when there is a VDD overvoltage condition. When there is a VDD overvoltage
condition, the flag is set and the device shuts down. When the VDD overvoltage condition ends, the
flag is cleared and the device downloads the EEPROM contents before restarting with a soft start
process.
1 = the VDD_OV flag is always cleared. When there is a VDD overvoltage condition, the flag is always
cleared and the device continues to operate without interruption.
4
VDD_OV flag
debounce
R/W
This bit sets the debounce time for the VDD_OV flag.
0 = 500 μs debounce time.
1 = 2 μs debounce time.
[3:0]
Reserved
R/W
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com