Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 41 of 113
POWER SUPPLY CALIBRATION AND TRIM
Every ADP1052 device is factory trimmed. If the ADP1052 is
not trimmed in the power supply production environment, it is
recommended that components with a 0.1% tolerance be used
for the inputs to the CS1, CS2±, VS±, VF, and OVP pins to meet
data sheet specifications (see Figure 1 and the Specifications
section).
In the power supply production environment, the ADP1052 can
calibrate items, such as output voltage and trim, for tolerance
errors that are introduced by sense resistors and resistor dividers,
as well as its own internal circuitry. The ADP1052 allows the
user enough trim capability to trim for external components
with a tolerance of ≤0.5%.
To unlock the trim registers for write access, the user must
perform two consecutive write actions with the correct password
(factory default value = 0xFF), using the TRIM_PASSWORD
command (Register 0xD6). Any read or write action to another
register in this device, occurring between these two write actions,
interrupts the unlocking of the chip password.
The trim registers are Register 0xFE14 through Register 0xFE17,
Register 0xFE20, Register 0xFE28, and Register 0xFE2A through
Register 0xFE2C. For complete information about these registers,
see the Manufacturer Specific Extended Commands Descriptions
section.
IIN TRIM (CS1 TRIM)
Using a DC Signal
A known dc voltage (Vx) is applied at the CS1 pin. The IIN_
SCALE_MONITOR command (Register 0xD9) is set to 0x0001.
The READ_IIN input current reading command (Register 0x89)
generates a digital code (representing the input current in amperes)
that is equal to the Vx voltage value. The CS1 gain trim register
(Register 0xFE14) is adjusted until the input current reading in
Register 0x89 reads the correct digital code.
Using an AC Signal
A known current (Ix) is applied to the PSU input. This current
passes through a current transformer, a diode rectifier, and an
external resistor (RCS1) to convert the current information to a
voltage (Vx). This voltage is fed into the CS1 pin. The IIN_SCALE_
MONITOR is calculated as follows:
IIN_SCALE_MONITOR = (NPRI/NSEC) × RCS1
where NPRI and NSEC are the turns of the primary side and secondary
side windings, respectively, of the current transformer.
The READ_IIN input current reading command generates a digital
code, representing the input current, Ix. The CS1 gain trim register
(Register 0xFE14) is adjusted until the input current reading in
Register 0x89 reads the correct digital code.
IOUT TRIM (CS2 TRIM)
CS2 Offset Trim
Offset errors are caused by the combined mismatch of the external
level shifting resistors and the internal current sources. The level
shift resistors must have a tolerance of ≤0.1%. The offset trim has
both an analog and a digital component. With 0 V at the CS2±
inputs, the desired ADC reading is 0 LSB.
The analog offset trim is performed to achieve a differential input
voltage of 0 V. The digital offset trim is performed to achieve an
ADC reading of 0 LSB. It is important to perform the offset trim in
the following order:
1. Select high-side or low-side current sensing, using
Register 0xFE19[7].
2. Set the current sense resistor value, using the IOUT_CAL_
GAIN command (Register 0x38). It is important to note that
the real IOUT_CAL_GAIN value should be slightly greater
than the current sense resistor value, due to possible copper
trace and soldering resistance. The real IOUT_CAL_GAIN
value must be determined for accurate reading of the output
current.
3. Set the digital offset trim value to 0x00, using Register 0xFE16.
4. Adjust the CS2 analog offset trim value (Register 0xFE17)
until the value in Register 0xFEA8 reads as close as possible
to 100 decimal.
5. Increase the CS2 digital offset trim register value, using
Register 0xFE16, until the value in Register 0x8C reads 0 A.
The offset trim is then complete. With 0 V at the CS2± inputs, the
ADC code reads 0, and the READ_IOUT reading is 0 A.
CS2 Gain Trim
After completing the offset trim, perform the gain trim to remove
any mismatch that is introduced by the current sense resistor
tolerance. The ADP1052 can trim for current sense resistors
with a tolerance of ≤1%.
1. Apply a known current (IOUT) across the sense resistor.
2. Adjust the CS2 gain trim value in Register 0xFE15 until the
READ_IOUT value in Register 0x8C reads the value.
The CS2 circuit is now trimmed. After the current sense trim
is complete, the IOUT_OC_FAULT_LIMIT and IOUT_OC_
FAULT_RESPONSE are configured.
VOUT TRIM (VS TRIM)
The voltage sense (VS) input at the VS± pins is optimized for
sensing signals at 1 V and cannot sense a signal greater than
1.6 V. It is recommended that the nominal output voltage be
reduced to 1 V for best performance. The resistor divider
introduces errors that must be trimmed. The ADP1052 has
enough trim range to trim errors that are introduced by
resistors with a tolerance of ≤0.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com