Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 78 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 78 of 113
EEPROM_NUM_RD_BYTES
Table 99. Register 0xD2—EEPROM_NUM_RD_BYTES
Bits
Bit Name/Function
R/W
Description
[7:0]
Number of read bytes
returned
R/W
These bits set the number of read bytes that are returned when the EEPROM_DATA_xx commands are
used.
EEPROM_ADDR_OFFSET
Table 100. Register 0xD3—EEPROM_ADDR_OFFSET
Bits
Bit Name/Function
R/W
Description
[15:0]
Address offset
R/W
These bits set the address offset of the current EEPROM page.
EEPROM_PAGE_ERASE
Table 101. Register 0xD4—EEPROM_PAGE_ERASE
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM page erase
W
Perform a page erase on the selected EEPROM page (Page 3 to Page 15). Wait 35 ms after each
page erase operation. The EEPROM must first be unlocked.
Page 0 and Page 1 are reserved for storing the default settings and user settings, respectively. The
user cannot perform a page erase of Page 0 or Page 1.
Page 2 is reserved for internal use; do not erase the contents of Page 2.
Page 3 is reserved for storing the board parameters for GUI use; erase Page 3 before storing the
board parameters.
The following list shows the register setting used to access each page:
0x03 = Page 3.
0x04 = Page 4.
0x05 = Page 5.
0x06 = Page 6.
0x07 = Page 7.
0x08 = Page 8.
0x09 = Page 9.
0x0A = Page 10.
0x0B = Page 11.
0x0C = Page 12.
0x0D = Page 13.
0x0E = Page 14.
0x0F = Page 15.
EEPROM_PASSWORD
Table 102. Register 0xD5—EEPROM_PASSWORD
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM password
W
Writes the password using this command to unlock the EEPROM for read/write access. Writes the
EEPROM password two consecutive times to unlock the EEPROM. Writes any other value to exit.
The factory default password is 0xFF.
TRIM_PASSWORD
Table 103. Register 0xD6—TRIM_PASSWORD
Bits
Bit Name/Function
R/W
Description
[7:0]
Trim password
W
Writes the password using this command to unlock the trim registers for write access. Writes the
trim password two consecutive times to unlock the registers. Writes any other value to exit. The trim
password is the same as the EEPROM password. The factory default password is 0xFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com