Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 11 of 113
Pin No.
Mnemonic
Description
17
PG/ALT
Power-Good Output (Open-Drain). Connect this pin to VDD through a pull-up resistor (typically 2.2 kΩ). This
signal is referred to AGND. This pin is also used as an SMBus ALERT signal. (For information about the SMBus
specification, see the PMBus Features section.)
18
VCORE
Output of the 2.6 V Regulator. Connect a decoupling capacitor of at least 330 nF from this pin to AGND, as close
as possible to the ADP1052, minimizing the printed circuit board (PCB) trace length. It is recommended that this
pin not be used as a reference or to generate other logic levels using resistive dividers.
19
VDD
Positive Supply Input. Voltage of 3.0 V to 3.6 V. This signal is referred to AGND. Connect a 2.2 μF decoupling
capacitor from this pin to AGND, as close as possible to the ADP1052, minimizing the PCB trace length.
20
AGND
Common Analog Ground. The internal analog circuitry ground and digital circuitry ground are star connected to
this pin through bonding wires.
21
RES
Resistor Input. This pin sets up the internal reference for the internal PLL frequency. Connect a 10 kΩ resistor
(±0.1%) from this pin to AGND. This signal is referred to AGND.
22
ADD
Address Select Input. This pin programs the I2C/PMBus address. Connect a resistor from ADD to AGND. This signal
is referred to AGND.
23
RTD
Thermistor Input. Place a thermistor (R25 = 100 kΩ (1%), beta = 4250 (1%)) in parallel with a 16.5 kΩ (1%) resistor
and a 1 nF filtering capacitor. This pin is referred to AGND. When not in use, connect this pin to AGND.
24
OVP
Overvoltage Protection. Use this signal for redundant overvoltage protection. This signal is referred to AGND.
EP
Exposed Pad. The ADP1052 has an exposed thermal pad on the underside of the package. For increased
reliability of the solder joints and maximum thermal capability, it is recommended that the exposed pad be
soldered to the PCB AGND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com