Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 18 of 113
To achieve normal operation of light load mode, keep in mind
the following:
In a hard switched, full bridge topology having the same power
stage as shown in Figure 12, if QA to QD are driven by OUTA
to OUTD separately, program the SR1 output in complement
with OUTB and OUTC in normal mode, and program the SR2
output in complement with OUTA and OUTD (as shown
in Figure 16). In this case, the OUTA to OUTD outputs are all
modulated.
In a zero-voltage-switched full bridge topology having the same
power stage shown in Figure 12 and the PWM settings shown
in Figure 13, SR1 is in complement with OUTC and SR2 is in
complement with OUTA in normal mode. In light load mode,
SR1 is in phase with OUTA, and SR2 is in phase with OUTC.
If using the hard switched full bridge, half bridge, and push pull
topologies and the primary switches are controlled by OUTA
and OUTB only, SR1 is in complement with OUTB, and SR2 is
in complement with OUTA in normal mode. Then, in the light
load mode, SR1 is in phase with OUTA, and SR2 is in phase
with OUTB.
When the CS2 current drops across the deep light load mode
threshold programmed by Register 0xFE1B[3:0], all PWM
channels can be disabled by Register 0xFE1C[5:0]. This allows use
of the ADP1052 in interleaved topologies, incorporating the
automatic phase shedding function in light load mode.
In both light load mode and deep light load mode, the CS2
averaging speed for the threshold can be set from 41 μs to 328 μs
in four discrete steps, using Register 0xFE1E[5:4]. Set the
hysteresis in Register 0xFE1E[3:2].
The light load mode digital compensator is also used during light
load mode and deep light load mode.
FREQUENCY SYNCHRONIZATION
The frequency synchronizing function of the ADP1052 includes
the synchronization input (SYNI function of SYNI/FLGI) as a
slave device and the synchronization output (SYNO, using the
OUTC or OUTD pin) as a master device.
Synchronization as a Slave Device
The ADP1052 can be programmed to take the SYNI/FLGI pin
signal as the reference to synchronize the internal programmed
PWM clock with an external clock. Note that where the SYNI
or the FLGI function only of the SYNI/FLGI pin is referenced,
the pin name reflects the relevant function only (see the Pin
Configuration and Function Descriptions section for full pin
mnemonics and descriptions).
The frequency capture range requirement is for the period of
the external clock that is applied at the SYNI pin to be 90% to
110% of the period of the internal programmed PWM clock. The
minimum pulse width of the SYNI signal is 360 ns. From the
rising edge of the SYNI signal to the start of the internal clock
cycle, there is a 760 ns propagation delay. Additional delay time
is programmed, using Register 0xFE11, to realize interleaving
control with different controllers.
To achieve a smooth synchronization transition between asynchro-
nous operation and synchronous operation, there is a phase capture
range bit for synchronization in Register 0xFE12[6] for capturing
the phase of the external clock signal. The ADP1052 detects the
phase shift between the external clock signal and the internal clock
signal when synchronization is enabled. When the phase shift
falls within the phase capture range, synchronization begins.
The ADP1052 synchronizes to the external clock frequency as
follows:
1. Bit 3 and Bit 0 in Register 0xFE12 enable the synchronization
function; the ADP1052 starts to detect the period of the
external clock signal applied at the SYNI/FLGI pin.
2. If all the periods of the consecutive 64 most recent cycles of
the external clocks fall within 90% to 110% of the internal
switching clock period, the ADP1052 uses the latest current
cycle as the synchronization reference, and the period of the
external clock is identified. This interval is t2 or t4, as shown
in Figure 17. Otherwise, the ADP1052 discards this cycle
and looks for the next cycle (frequency capture mode).
3. After the external clock period is determined, the
ADP1052 detects the phase shift between the external
clock (plus the delay time set by Register 0xFE11) and the
internal PWM signal. If the phase shift is within the phase
capture range, the internal and external clocks are
synchronized (phase capture mode).
4. At this point, the PWM clock is synchronized with the
external clock. Cycle-by-cycle synchronization starts.
5. If the external clock signal is lost at any time, or if the
period exceeds the minimum limit (89% of the internal
programmed frequency) or the maximum limit (114% of
the internal programmed frequency), the ADP1052 takes the
last valid external clock signal as the synchronization
reference source. At the same time, the phase shift between
the synchronization reference and the internal clock is
detected. When the phase shift falls within the phase
capture range, the PWM clock returns to the internal clock
set by the internal oscillator. This interval is t1 or t3, as
shown in Figure 17.
This is the first synchronization unlock condition, called
Synchronization Unlocked Mode 1, in which the switching
frequency is out of range (range is 89% to approximately
114% of the internal programmed frequency).
6. If the period of the external SYNI signal changes significantly
(for example, if the period difference between contiguous
cycles exceeds 280 ns), the ADP1052 adopts the last valid
external clock signal for the synchronization reference
source. At the same time, the phase shift between the
synchronization reference and the internal clock is
detected. When the phase shift falls within the phase
capture range, the PWM clock returns to the internal clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com