Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 24 of 113
The PWM settings of open-loop operation are different from those
of general closed-loop operation.
1.
Set the rising edge timings and falling edge timings by
using Register 0xFE3E to Register 0xFE4F. Typically, a duty
cycle setting of ~50% is recommended for ease of zero-
voltage-switching operation. A phase shift function of 180° is
preferred to guarantee balanced PWM outputs.
2.
Program Register 0xFE3C to a value of 0x00, which sets the
modulation limit to 0 μs.
3.
Apply negative modulation to the falling edges of all PWM
outputs, OUTA to OUTD (or just one pair of them), for soft
start. The soft start of SR1 and SR2 is not recommended.
4.
Write 111111 binary to Register 0xFE67[5:0] to set all PWM
channels to follow open-loop operation. Set Register 0xFE09[7]
to enable the soft start procedure. The soft start speed is
specified by Register 0xFE09[4:3].
5.
Always set Register 0xFE09[2] = 1. The soft start ramp
time is determined by tF2 − tR2.
Because the output voltage is not regulated, some of the settings,
such as the VOUT setting, digital compensator settings, and constant
current control, are not functional. Other settings can be pro-
grammed to be similar to those of general closed-loop operation.
CURRENT SENSE
The ADP1052 has two current sense inputs: CS1 (Pin 6) and
CS2− and CS2+ (Pin 3 and Pin 4, respectively). These inputs
sense, protect, and control the primary side input current and the
secondary side output current. They can be calibrated to reduce
errors caused by the external components.
CS1 Operation (CS1 Pin)
Current Sense 1 (CS1) is typically used for the monitoring and
protection of the primary side current, which is commonly
sensed using a current transformer (CT). The input signal at the
CS1 pin is fed into an ADC for current monitoring. The range of
the ADC is 0 V to 1.60 V. The input signal is also fed into an
analog comparator for cycle-by-cycle current limiting and IIN
overcurrent fast protection, with a reference of 0.25 V or 1.2 V set
by Register 0xFE1B[6]. The typical configuration for the CS1
current sense is shown in Figure 25.
REFERENCE
REG 0xFE1B[6]
12 BITS
CYCLE-BY-CYCLE
CURRENT LIMITING
AND IIN FAST OCP
CS1
ADC
VIN
Figure 25. CS1 Operation
The CS1 ADC measures the average value of the primary side
current. The ADC samples at a frequency of 1.56 MHz and
reports a CS1 reading (12 bits) in the READ_IIN command
(Register 0x89), with an asynchronously averaged rate of 10 ms,
63 ms, 126 ms, 252 ms, or 504 ms set by Register 0xFE65[2:0].
Various IIN overcurrent fast fault limits and response actions can
be set for CS1. These are described in the Current Sense and
Limit Setting Registers section.
CS2 Operation (CS2−, CS2+ Pins)
Current Sense 2 (CS2) is typically used for the monitoring and
protection of the output current. The full-scale range of the CS2
ADC is 120 mV. The differential inputs are fed into an ADC
through a pair of external resistors that provide the necessary
level shifting. The CS2+ and CS2− device pins are regulated to
approximately 1.12 V by internal current sources.
Depending on the configuration of the current sense resistor,
the ADP1052 must be programmed in low-side mode or high-
side mode, using Register 0xFE19[7]. Typical configurations are
shown in Figure 26 and Figure 27.
When using low-side current sensing, as shown in Figure 26,
the current sources are 225 μA. Therefore, the required resistor
value is 1.12 V/225 μA = 4.98 kΩ, and 4.99 kΩ resistors are
preferred.
VOUT
CS2–
CS2+
ADC
12 BITS
ADP1052
225µA
225µA
Figure 26. CS2 Low-Side Resistive Current Sense
When using high-side current sensing, as shown in Figure 27,
the current sources are 1.915 mA. Therefore, the required resistor
value is (VOUT − 1.12 V)/1.915 mA. If VOUT = 12 V, 5.62 kΩ resistors
are required.
VOUT
CS2+
CS2–
ADC
12 BITS
ADP1052
1.915mA
1.915mA
Figure 27. CS2 High-Side Resistive Current Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com