Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 46 of 113
PMBus/I2C COMMUNICATION
The PMBus slave allows a device to interface with a PMBus-
compliant master device, as specified by the PMBus Power
System Management Protocol Specification (Revision 1.2,
September 6, 2010). The PMBus slave is a 2-wire interface that
can communicate with other PMBus-compliant devices and is
compatible in a multimaster, multislave bus configuration.
PMBus FEATURES
The function of the PMBus slave is to decode the command
that is sent from the master device and respond as requested.
Communication is established using a 2-wire interface with a
clock line (SCL) and data line (SDA) that is similar to an I2C
interface. The PMBus slave design externally moves chunks of
8-bit data (bytes) while maintaining compliance with the PMBus
protocol. The PMBus protocol is based on the System Management
Bus (SMBus) Specification, Version 2.0, August 2000. The SMBus
specification is, in turn, based on the Philips I2C Bus Specifica-
tion, Version 2.1, dated January 2000. The PMBus incorporates
the following features:
•
Slave operation on multiple device systems
•
7-bit addressing
•
100 kbps and 400 kbps data rates
•
General call address support
•
Support for clock low extension (clock stretching)
•
Separate multibyte receive and transmit FIFOs
•
Extensive fault monitoring
OVERVIEW
The PMBus slave module is a 2-wire interface that communicates
with other PMBus-compliant devices. Its transfer protocol is
based on the Philips I2C transfer mechanism. The ADP1052 is
always configured as a slave device in the overall system. The
ADP1052 communicates with the master device using one data
pin (SDA, Pin 15) and one clock pin (SCL, Pin 14). Because the
ADP1052 is a slave device, it cannot generate the clock signal;
however, it is capable of stretching the SCL line to put the master
device in a wait state when it is not ready to respond to the request
of the master.
Communication initiates when the master device sends a
command to the PMBus slave device. Commands can be read
or write commands, and data transfers between the devices in a
byte wide format. Commands can also be send commands; in
that case, the command is executed by the slave device upon
receiving the stop bit. The stop bit is the last bit in a complete
data transfer, as defined in the PMBus/I2C communication
protocol. During communication, the master and slave devices
send acknowledge (A) or no acknowledge (A) bits as a method
of handshaking between devices. See the PMBus specification
for a more detailed description of the communication protocol.
When communicating with the master device, it is possible for
the PMBus slave to receive illegal or corrupted data. In this case,
the PMBus slave must respond to the invalid command or data,
as defined by the PMBus specification, and indicate to the
master device that an error or fault condition has occurred. This
method of handshaking is the first level of defense against
inadvertent programming of the slave device that can
potentially damage the chip or system.
The PMBus specification defines a set of generic PMBus
commands that is recommended for a power management
system; however, each PMBus device manufacturer can choose
to implement and support certain commands that are deemed
fit for the system. In addition, the PMBus device manufacturer can
implement manufacturer specific commands, the functions of
which are not included in the generic PMBus command set. The
list of standard PMBus and manufacturer specific commands are
found in the PMBus Command Set and Extended Command
List: Manufacturer Specific sections.
PMBus/I2C ADDRESS
The PMBus address of the ADP1052 is set by connecting an
external resistor from the ADD pin (Pin 22) to AGND. Table 10
lists the recommended resistor values and the associated PMBus
addresses. Eight different addresses can be used.
Table 10. PMBus Address Settings and Resistor Values
PMBus Address
Resistor Value (kΩ)
0x70
10 (or connect the ADD pin directly to AGND)
0x71
31.6
0x72
51.1
0x73
71.5
0x74
90.9
0x75
110
0x76
130
0x77
150 (or connect the ADD pin directly to VDD)
The recommended resistor values in Table 10 can vary by ±2 kΩ.
Therefore, it is recommended to use 1% tolerance resistors on the
ADD pin.
The ADP1052 responds to the standard PMBus broadcast
address (general call) of 0x00. However, when more than one
ADP1052 device is connected to the master device, do not use
the general call address because the data returned by multiple
slave devices is corrupted. For more information, see the
General Call Support section.
DATA TRANSFER
Format Overview
The PMBus slave follows the transfer protocol of the SMBus
specification, which is based on the fundamental transfer protocol
format of the I2C bus specification. Data transfers are byte wide,
lower byte first. Each byte is transmitted serially, most significant
bit (MSB) first. A typical transfer is shown in Figure 46. See the
SMBus and I2C specifications for detailed descriptions of the
transfer protocols. Figure 46 through Figure 53 use the
abbreviations listed in Table 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com