Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 16 of 113
Figure 13. PWM Settings for Zero-Voltage-Switched Full Bridge Topology with Synchronous Rectification Using the ADP1052 GUI
The advantage of the SR soft start is that it minimizes the
output voltage undershoot that occurs when the SR FETs are
turned on without a soft start. The advantage of immediately
and completely turning on the SRx signals is that they help
minimize the voltage transient caused during a load step.
Using Register 0xFE08[4], the SR soft start can be programmed
to occur one time only (the first time that the SRx signals are
enabled) or every time that the SRx signals are enabled (for
example, when the system enters or exits deep light load mode).
When programming the ADP1052 to use the SR soft start,
ensure the correct operation of this function by setting the
falling edge of SR1 (tF5) to a lower value than the rising edge of SR1
(tR5) and setting the falling edge of SR2 (tF6) to a lower value than
the rising edge of SR2 (tR6). During the SR soft start, the rising
edges of SRx move gradually from the right side (the tRX +
tMODU_LIMIT position) to the left side to increase the duty cycle.
The ADP1052 is well suited for dc-to-dc converters in isolated
topologies. Every time a PWM signal crosses the isolation
barrier, a propagation delay is added because of the isolating
components. Using Register 0xFE3A[5:0], an adjustable delay
(0 ns to 315 ns in steps of 5 ns) can be programmed to move
both SR1 and SR2 later in time to compensate for the added
propagation delay. In this way, all the PWM edges can be aligned
(see Figure 68).
PWM MODULATION LIMIT AND 180° PHASE SHIFT
The modulation limit register (Register 0xFE3C, see Table 159) can
be programmed to apply a maximum modulation limit to any
PWM signal, thus limiting the modulation range of any PWM
output. If modulation is enabled, the maximum modulation
limit is applied to all PWM outputs collectively. This limit,
tMODU_LIMIT, is the maximum time variation for the modulated
edges from the default timing, following the configured
modulation direction (see Figure 14).
tRX
tFX
tRY
tFY
t0
tS
OUTX
OUTY
tMODU_LIMIT
tMODU_LIMIT
3
tS/2
tS/2
Figure 14. Setting Modulation Limits
There is no setting for the minimum duty cycle limit. Therefore,
the user must set the rising edges and falling edges based on the
case with the least amount of modulation.
Each least significant bit (LSB) in Register 0xFE3C corresponds
to a different time step size, depending on the switching
frequency (see Table 159). If the ADP1052 is to control a dual-
ended topology (such as full bridge, half bridge, or push pull),
enable the dual-ended topology mode using Register 0xFE13[6];
thus, the modulation limit in each half cycle is one half of the
modulation value programmed by Register 0xFE3C.
The modulated edges cannot go beyond one switching cycle. To
extend the modulation range for some applications, the 180° phase
shift can be enabled using Register 0xFE3B[5:0].
When the 180° phase shift is disabled, the rising edge timing
and the falling edge timing are referred to the start of the switching
cycle (see tRX and tFX in Figure 14). When the 180° phase shift is
enabled, the rising edge timing and the falling edge timing are
referred to half of the switching cycle (see tRY and tFY in Figure 14,
which are referred to tS/2). Therefore, when the 180° phase shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com