Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 95 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 95 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 94Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 95Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 96Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 97Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 98Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 95 of 113
Table 155. Register 0xFE38—CS1 Threshold for Volt-Second Balance
Bits
Bit Name/Function
R/W
Description
[7:0]
CS1 threshold for
volt-second balance
R/W
This register sets the CS1 threshold to enable volt-second balance control. The volt-second balance
control function is activated only if the CS1 value is greater than this threshold value. Each LSB is
6.25 mV.
Table 156. Register 0xFE39—Nominal Modulation Value for Prebias Startup
Bits
Bit Name/Function
R/W
Description
[7:0]
Nominal modulation
value for prebias
start-up function
R/W
These bits set the nominal modulation value when the input voltage and the output voltage are in
nominal conditions. It is used to calculate the initial modulation value, based on the sensed VOUT value
and the sensed VIN value, for the prebias startup. If Register 0xFE6C[1] is cleared, the input voltage is
always regarded as the nominal input condition unless closed-loop feedforward operation is in use.
Switching Frequency Range (kHz)
Resolution Corresponding to LSB (ns)
49 to 87
80
97.5 to 184
40
195.5 to 379
20
390.5 to 625
10
Table 157. Register 0xFE3A—Constant Current Speed and SR Driver Delay
Bits
Bit Name/Function
R/W
Description
[7:6]
VS voltage change
rate during constant
current mode
R/W
These bits set the VS voltage change rate when operating in constant current mode. The basic change
rate for a 9-bit CS2 averaging speed is 1.18 mV/ms. The basic change rate for a 7-bit CS2 averaging
speed is 4.72 mV/ms. These two bits set the change rate of the output voltage when operating in
constant current mode.
For example, in a 12 V output system, if Register 0xFE1B[4] = 1 and Register 0xFE3A[7:6] = 11,
the output voltage change rate is
4.72 mV/ms × 8 × 12 = 453 mV/ms
Bit 7
Bit 6
Change Rate (mV/ms)
0
0
1
0
1
2
1
0
4
1
1
8
[5:0]
SR gate drive delay
R/W
These bits set the SR gate drive delay in steps of 5 ns. The maximum delay is 315 ns.
Table 158. Register 0xFE3B—PWM 180° Phase Shift Settings
Bits
Bit Name/Function
R/W
Description
7
Volt-second balance
leading edge blanking
R/W
Setting this bit means that CS1 is blanked for volt-second balance calculations at the rising edge of
those PWMs selected for volt-second balance. The blanking time is the same as for the CS1 cycle-
by-cycle current-limit setting.
6
Volt-second balance
50% blanking of each
phase
R/W
Setting this bit limits the sampling period for the current on CS1 to less than 50% of a half cycle.
5
SR2 180° phase shift
R/W
Setting this bit adds a 180° phase shift for the timing of the SR2 edges.
4
SR1 180° phase shift
R/W
Setting this bit adds a 180° phase shift for the timing of the SR1 edges.
3
OUTD 180° phase shift
R/W
Setting this bit adds a 180° phase shift for the timing of the OUTD edges.
2
OUTC 180° phase shift
R/W
Setting this bit adds a 180° phase shift for the timing of the OUTC edges.
1
OUTB 180° phase shift
R/W
Setting this bit adds a 180° phase shift for the timing of the OUTB edges.
0
OUTA 180° phase shift
R/W
Setting this bit adds a 180° phase shift for the timing of the OUTA edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com