Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 93 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 93 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 94Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 95Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 96Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 93 of 113
Bits
Bit Name/Function
R/W
Description
[1:0]
VIN_UV_FAULT flag debounce
R/W
When Bit 5 is set, sets the VIN_UV_FAULT flag debounce time.
Bit 1
Bit 0
Typical Debounce Time (ms)
0
0
0
0
1
2.5
1
0
10
1
1
100
TEMPERATURE SENSE AND PROTECTION SETTING REGISTERS
Table 142. Register 0xFE2A—RTD Gain Trim
Bits
Bit Name/Function
R/W
Description
7
Gain polarity
R/W
Setting this bit to 1 means that negative gain is introduced. Setting this bit to 0 means that
positive gain is introduced.
[6:0]
RTD gain trim
R/W
This value calibrates the RTD sensing gain.
Table 143. Register 0xFE2B—RTD Offset Trim (MSBs)
Bits
Bit Name/Function
R/W
Description
[7:3]
Reserved
R/W
Reserved.
2
RTD current source
disable
R/W
Setting this bit to 1, plus the writing value 0x00 to Register 0xFE2D, disables the RTD current source.
1
Trim polarity
R/W
Setting this bit to 1 means that negative offset is introduced. Setting this bit to 0 means that
positive offset is introduced.
0
RTD offset trim, MSB
R/W
This bit, together with Register 0xFE2C as the LSBs, sets the amount of offset trim that is applied to
the RTD ADC reading.
Table 144. Register 0xFE2C—RTD Offset Trim (LSBs)
Bits
Bit Name/Function
R/W
Description
[7:0]
RTD offset trim, LSBs
R/W
These eight bits, together with Bit 0 in Register 0xFE2B as the MSB, set the amount of offset trim
that is applied to the RTD ADC reading.
Table 145. Register 0xFE2D—RTD Current Source Settings
Bits
Bit Name/Function
R/W
Description
[7:6]
RTD current setting
R/W
These bits set the size of the current source on the RTD pin.
Bit 7
Bit 6
Current Source (µA)
0
0
10
0
1
20
1
0
30
1
1
40
[5:0]
RTD current trim
R/W
These six bits are used to trim the current source on the RTD pin. Each LSB corresponds to 160 nA,
independent of the RTD current setting selected in Bits[7:6].
Table 146. Register 0xFE2F—OT Hysteresis Settings
Bits
Bit Name/Function
R/W
Description
[7:3]
Reserved
R/W
Reserved.
2
OT_WARNING flag
debounce
R/W
This bit sets the OT_WARNING flag debounce time.
0 = sets the flag actions debounce time to 100 ms.
1 = sets the flag actions debounce time to 0 ms.
[1:0]
OT hysteresis
R/W
These bits set the OT hysteresis. Due to the negative temperature coefficient of the NTC thermistor or
analog temperature sensor, the OT_FAULT flag clearing voltage threshold is programmed with a
voltage greater than the OT_FAULT flag setting voltage threshold.
Bit 1
Bit 0
OT Hysteresis
0
0
OT hysteresis = 12.5 mV (4 LSBs).
0
1
OT hysteresis = 25 mV (8 LSBs).
1
0
OT hysteresis = 37.5 mV (12 LSBs).
1
1
OT hysteresis = 50 mV (16 LSBs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com