Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 22 of 113
From the voltage sense ADC outputs to the digital compensator
output, the transfer function of the digital compensator in
z-domain is as follows:
( )
a
z
b
z
c
z
z
m
d
z
H
−
−
×
+
−
×
×
=
8
.
12
1
8
.
204
where:
d = low frequency filter gain register values (Register 0xFE30
for normal mode or Register 0xFE34 for light load mode).
m is the scale factor, as follows:
m = 1 when 49 kHz ≤ fSW < 97.5 kHz.
m = 2 when 97.5 kHz ≤ fSW < 195.5 kHz.
m = 4 when 195.5 kHz ≤ fSW < 390.5 kHz.
m = 8 when 390.5 kHz ≤ fSW.
c = high frequency filter gain register values (Register 0xFE33
for normal mode or Register 0xFE37 for light load mode).
b = high frequency filter zero register values ÷ 256
(Register 0xFE31 ÷ 256 for normal mode or Register 0xFE35 ÷
256 for light load mode).
a = high frequency filter pole register values ÷ 256
(Register 0xFE32 ÷ 256 for normal mode or Register 0xFE36 ÷
256 for light load mode).
To tailor the loop response to the specific application, set up the
low frequency gain (represented by d), the zero location of the
high frequency filter (represented by b), the pole location of the
high frequency filter (represented by a), and the high frequency
gain (represented by c). These can all be set up individually (see
the Digital Compensator and Modulation Setting Registers
section).
It is recommended that the ADP1052 GUI be used to program
the compensator. The GUI displays the filter response, using a
Bode plot in the s-domain, and calculates all stability criteria for
the power supply.
To transfer the z-domain value to the s-domain, plug the following
bilinear transformation equation into the H(z) equation:
s
f
s
f
z(s)
SW
SW
−
+
=
2
2
The filter introduces an extra phase delay element into the control
loop. The digital compensator circuit sends the information
about the duty cycle to the digital PWM engine at the beginning of
each switching cycle (unlike an analog controller, which makes
decisions on the duty cycle information continuously). There is an
additional delay for ADC sampling and decimation filtering. This
extra phase delay for phase margin (Φ) is expressed as follows:
Φ = 360 × fC/fSW
where fC is the crossover frequency and fSW is the switching
frequency.
At one-tenth of the switching frequency, the phase delay is 36°.
The GUI incorporates this phase delay into its calculations.
Note that the ADP1052 GUI does not account for other delays,
such as gate driver and propagation delays.
Two sets of registers allow for two distinct compensator responses.
The main compensator, called the normal mode compensator, is
controlled by programming Register 0xFE30 to Register 0xFE33.
The light load mode compensator is controlled by programming
Register 0xFE34 to Register 0xFE37. The ADP1052 uses the
light load mode compensator only when it operates in light load
mode or deep light load mode.
In addition, a dedicated filter is used during soft start. The filter
is disabled at the end of the soft start routine, after which time
the voltage loop digital compensator is used. The soft start filter
gain is a programmable value of 1, 2, 4, or 8, using Bits[1:0] in
Register 0xFE3D.
CLOSED-LOOP INPUT, VOLTAGE FEEDFORWARD
CONTROL, AND VF SENSE
The ADP1052 supports closed-loop input, voltage feedforward
control to improve input transient performance. The voltage
feedforward (VF) value is sensed by the feedforward ADC and
divides the output of the digital compensator; the result is fed
into the digital PWM engine. The input voltage signal can be
sensed at the center tap in the secondary windings of the isolation
transformer and must be filtered by a residual current device
(RCD) circuit network to eliminate the voltage spike at the
switching node. Alternatively, the input voltage signal can be
sensed from a winding of the auxiliary power transformer.
The VF pin voltage (Pin 5) must be set to 1 V when the nominal
input voltage is applied. The feedforward ADC sampling period
is 10 μs. Therefore, the decision to modify the PWM outputs,
based on the input voltage, is performed at this rate.
As shown in Figure 22, the feedforward scheme modifies the
modulation value, based on the VF voltage. When the VF input
is 1 V, the line voltage feedforward has no effect. For example, if
the digital compensator output remains unchanged and the VF
voltage changes to 50% of its original value (still greater than 0.5 V),
the modulation of the edges of OUTx (that are configured for
modulation) doubles.
DIGITAL
COMPENSATOR
DPWM
ENGINE
VF
R1
R2
1/x
Σ-Δ
ADC
READ_VIN
REG 0x88
REG 0x35,
REG 0x36
FEED-
FORWARD
ADC
0.5V TO 1.6V
0V TO 1.6V
VIN_LOW
FLAG REG 0x7C[3]
REG 0xFE29[5]
VIN_UV_FAULT
FLAG REG 0x7C[4]
FROM THE VIN
SENSE CIRCUIT
Figure 22. Closed-Loop Input Voltage Feedforward Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com