Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 28 of 113
a 7-bit CS2 current averaging speed. The 9-bit CS2 current averag-
ing speed has a VS± basic voltage change rate of 1.18 mV/ms.
The 7-bit CS2 current averaging speed has a VS± basic voltage
change rate of 4.72 mV/ms. In addition, the output voltage change
rate can be set by Register 0xFE3A[7:6] to 1×, 2×, 4×, or 8× the
VS± basic voltage change rate.
PULSE SKIPPING
The pulse skipping function reduces the switching loss under
very light load current conditions while keeping the output voltage
stable. Set Register 0xFE67[6] to activate this function.
When light load mode or deep light load mode is enabled, as the
output current drops, the supply enters discontinuous conduction
mode (DCM). In DCM, the modulation value is a function of the
load current. If a very light load current requires a modulation
value (duty cycle) of less than the threshold set by Register 0xFE69,
pulse skipping mode is enabled. In pulse skipping mode, the PWM
output appears intermittently. If the digital compensator signals
an error requiring a modulation value that is less than the threshold
set by Register 0xFE69, no PWM pulses are generated. If the digital
compensator signals an error requiring a modulation value that is
greater than the threshold set by Register 0xFE69, PWM pulses
are generated.
The pulse skipping mode is always blanked during soft start.
PREBIAS STARTUP
The prebias start-up function provides the capability to start up
with a prebiased voltage on the output. It protects the power
supply against existing external voltage on the output during
startup and ensures a monotonic startup before the power supply
reaches full regulation (see Figure 32).
VOUT
PSON
PWM
OUTPUTS
0V
Figure 32. Prebias Startup
The prebias start-up function is enabled by Register 0xFE25[7].
During prebias startup, the ADP1052 soft start ramp starts at
the existing voltage value sensed on the VS± pins, and the soft
start ramp time is reduced proportionally.
The initial PWM modulation value does not begin with zero
but, instead, with a value that builds a balanced relationship
between the input voltage and the output voltage. This balance
avoids the sudden charging or discharging of the output capacitor
and achieves a monotonic and smooth startup. Use the
following equation to calculate the initial modulation value:
IN
NOM
IN
NOM
OUT
OUT
NOM
MODU
INI
MODU
V
V
V
V
t
t
_
_
_
_
×
×
=
where:
tMODU_INI is the initial modulation value when the controller begins
to generate PWM pulses during startup.
tMODU_NOM is the modulation value set by Register 0xFE39. It
emulates the modulation value when the input voltage and the
output voltage are in the nominal condition.
VOUT is the sensed output voltage.
VOUT_NOM is the nominal output voltage set by VOUT_COMMAND
(Register 0x21).
VIN_NOM is the nominal input voltage when the VF pin voltage = 1 V.
VIN is the sensed input voltage.
In addition, Register 0xFE6C[1] is set for correct operation. To
sense the input voltage (represented by VF) when the power supply
is off, use additional circuitry, such as an auxiliary power circuit,
to sense the input voltage.
If the input voltage signal is not available when the power is off,
the tMODU_INI value is calculated based on the tMODU_NOM and the
output voltage information. In this case, Register 0xFE6C[1]
clears to 0. The initial modulation value is calculated as
NOM
OUT
OUT
NOM
MODU
INI
MODU
V
V
t
t
_
_
_
×
=
where:
tMODU_INI is the initial modulation value when the controller begins
to generate PWM pulses during startup.
tMODU_NOM is the modulation value set by Register 0xFE39. It
emulates the modulation value when the input voltage and the
output voltage are in the nominal condition.
VOUT is the sensed output voltage.
VOUT_NOM is the nominal output voltage set by VOUT_COMMAND
(Register 0x21).
If the closed-loop, line voltage, feedforward function is selected,
the input voltage is introduced from the feedforward loop, and
the VIN value is always included for calculation of the initial
modulation value.
Reverse current protection can also be used in prebias start-up
mode. See the Synchronous Rectification (SR) Reverse Current
Protection section for details. Additionally, to achieve a smooth
transition, the SR soft start can be enabled in this mode. See the
Synchronous Rectification section for details.
OUTPUT VOLTAGE DROOPING CONTROL
The ADP1052 features output voltage drooping control for
current sharing applications. Output voltage drooping is intro-
duced digitally by modifying the value of the digital output
voltage reference, based on the output current value. Two
parameters can be configured independently: the drooping resistor
and the output current averaging speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com