Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 105 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 105 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 101Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 102Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 103Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 104Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 105Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 106Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 107Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 108Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 105 of 113
Table 183. Register 0xFE63—Modulation Reference MSBs Setting for Open-Loop Input Voltage Feedforward Operation
Bits
Bit Name/Function
R/W
Description
[7:0]
Modulation
reference setting
MSBs
R/W
This register sets the eight MSBs of the modulation reference in open-loop feedforward operation mode.
The step size of an LSB depends on the switching frequency.
Switching Frequency Range (kHz)
LSB Step Size (ns)
49 to 87
80
97.5 to 184
40
195.5 to 379
20
390.5 to 625
10
Table 184. Register 0xFE64—Modulation Reference LSBs Setting for Open-Loop Input Voltage Feedforward Operation
Bits
Bit Name/Function
R/W
Description
[7:0]
Modulation
reference setting
LSBs
R/W
This register sets the eight LSBs of the modulation reference in open-loop feedforward operation mode.
The step size of an LSB depends on the switching frequency.
Switching Frequency Range (kHz)
LSB Step Size (ps)
49 to 87
312.5
97.5 to 184
156.25
195.5 to 379
78.125
390.5 to 625
39.0625
Table 185. Register 0xFE65—Peak Value and Average Value Update Rate Settings
Bits
Bit Name/
Function
R/W
Description
[7:6]
Reserved
R/W
Reserved.
[5:3]
Peak value
update rate
R/W
These bits specify the update rate for the peak value of the output voltage (MFR_VOUT_MAX/_MIN), output
current (MFR_IOUT_MAX), output power (MFR_POUT_MAX), and temperature (MFR_TEMPERATURE_MAX).
Bit 2
Bit 1
Bit 0
Update Rate
0
0
0
2.6 ms
0
0
1
1.3 ms
0
1
0
655 µs
0
1
1
327 µs
1
0
0
163 µs
1
0
1
82 µs
[2:0]
Average value
update rate
R/W
These bits specify the update rate for the average input current (READ_IIN), output current (READ_IOUT),
output power (READ_POUT), and temperature (READ_TEMPERATURE_1).
Bit 2
Bit 1
Bit 0
Update Rate (ms)
0
0
0
10
0
0
1
63
0
1
0
126
0
1
1
252
1
0
0
504
Table 186. Register 0xFE66—Adaptive Dead Time Compensation Configuration
Bits
Bit Name/Function
R/W
Description
[7:6]
Averaging period
R/W
These bits specify the averaging period for the CS1 current used to set the adaptive dead time. It is
recommended that the averaging time be set to a value much greater than any transient condition.
Bit 7
Bit 6
Averaging Period (ms)
0
0
2.5
0
1
1.2
1
0
0.6
1
1
0.3
[5:3]
Update rate
R/W
The adaptive dead time compensation algorithm adjusts dead time in steps of 5 ns. These bits
program the number of PWM switching cycles between each step. The number is calculated as 2N + 1,
where N is the 3-bit value specified by these bits. For example, if N = 6 (110 binary), each PWM edge is
adjusted by 5 ns every 26 + 1 = 65 switching cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com