Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 109 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 109 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 105Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 106Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 107Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 108Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 109Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 110Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 111Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 112Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 113Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 109 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 109 of 113
Table 197. Register 0xFEA1—Flag Register 2 and Register 0xFEA4—Latched Flag Register 2 (1 = Fault, 0 = Normal Operation)
Bits
Bit Name/Function
R/W
Description
Corresponding
Register1
Action1
7
Reserved
R
Reserved.
N/A
N/A
6
Reserved
R
Reserved.
N/A
N/A
5
SR_RC_FAULT
R
CS2 reverse current drops below SR_RC_FAULT_LIMIT.
0xFE1A
Programmable
4
CONSTANT_CURRENT
R
Constant current mode is in use.
0xFE1A, 0xFE1B
Programmable
3
LIGHT_LOAD
R
Light load mode (CS2 current is below the light load
threshold).
0xFE19
Programmable
2
VIN_UV_FAULT
R
VIN reading is below the VIN_OFF limit.
0xFE29
Programmable
1
SYNC_LOCKED
R
Cycle-by-cycle synchronization starts.
N/A
Programmable
0
FLAGIN
R
FLAGIN flag (SYNI/FLGI pin) is set.
0xFE12
Programmable
1
N/A means not applicable.
Table 198. Register 0xFEA2—Flag Register 3 and Register 0xFEA5—Latched Flag Register 3 (1 = Fault, 0 = Normal Operation)
Bits
Bit Name/Function
R/W
Description
Corresponding
Register1
Action1
7
CHIP_ID
R
In the ADP1052, this bit is 1.
N/A
N/A
6
PULSE_SKIPPIING
R
Pulse skipping mode is in use.
0xFE69
Programmable
5
ADAPTIVE_DEAD_TIME
R
Adaptive dead time compensation is in use.
0xFE66
Programmable
4
DEEP_LIGHT_LOAD
R
Deep light load mode (CS2 current is below the deep
light load threshold).
0xFE1B
Programmable
3
EEPROM_UNLOCKED
R
The EEPROM is unlocked.
N/A
None
2
CRC_FAULT
R
The EEPROM contents that were downloaded are
incorrect.
N/A
Immediate
shutdown
1
Modulation
R
Digital compensator output is at its minimum or
maximum limit.
N/A
None
0
SOFT_START_FILTER
R
The soft start filter is in use.
N/A
None
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com