Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 108 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 108 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 104Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 105Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 106Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 107Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 108Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 109Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 110Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 111Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 108 of 113
Table 194. Register 0xFE6E—OUTC and OUTD Adjustment Reference During Synchronization
Bits
Bit Name/Function
R/W
Description
7
tR4 adjustment reference
R/W
Setting this bit enables edge adjustment on the OUTD rising edge, tR4.
6
tR4 refers to tS or tS/2
R/W
0 = adjustment refers to tS/2.
1 = adjustment refers to tS.
5
tF4 adjustment reference
R/W
Setting this bit enables edge adjustment on the OUTD falling edge, tF4.
4
tF4 refers to tS or tS/2
R/W
0 = adjustment refers to tS/2.
1 = adjustment refers to tS.
3
tR3 adjustment reference
R/W
Setting this bit enables edge adjustment on the OUTC rising edge, tR3.
2
tR3 refers to tS or tS/2
R/W
0 = adjustment refers to tS/2.
1 = adjustment refers to tS.
1
tF3 adjustment reference
R/W
Setting this bit enables edge adjustment on the OUTC falling edge, tF3.
0
tF3 refers to tS or tS/2
R/W
0 = adjustment refers to tS/2.
1 = adjustment refers to tS.
Table 195. Register 0xFE6F—SR1 and SR2 Adjustment Reference During Synchronization
Bits
Bit Name/Function
R/W
Description
7
tR6 adjustment reference
R/W
Setting this bit enables edge adjustment on the SR2 rising edge, tR6.
6
tR6 refers to tS or tS/2
R/W
0 = adjustment refers to tS/2.
1 = adjustment refers to tS.
5
tF6 adjustment reference
R/W
Setting this bit enables edge adjustment on the SR2 falling edge, tF6.
4
tF6 refers to tS or tS/2
R/W
0 = adjustment refers to tS/2.
1 = adjustment refers to tS.
3
tR5 adjustment reference
R/W
Setting this bit enables edge adjustment on the SR1 rising edge, tR5.
2
tR5 refers to tS or tS/2
R/W
0 = adjustment refers to tS/2.
1 = adjustment refers to tS.
1
tF5 adjustment reference
R/W
Setting this bit enables edge adjustment on the SR1 falling edge, tF5.
0
tF5 refers to tS or tS/2
R/W
0 = adjustment refers to tS/2.
1 = adjustment refers to tS.
Register 0xFE70 to Register 0xFE9F—Reserved
All of these registers and their bits are reserved. There are no register tables available for Register 0xFE70 to Register 0xFE9F.
MANUFACTURER SPECIFIC FAULT FLAG REGISTERS
Table 196. Register 0xFEA0—Flag Register 1 and Register 0xFEA3—Latched Flag Register 1 (1 = Fault, 0 = Normal Operation)
Bits
Bit Name/Function
R/W
Description
Corresponding
Registers1
Action1
7
CHIP_PASSWORD_UNLOCKED
R
Chip password is unlocked.
N/A
None
6
PGOOD
R
At least one of the following flags has been set:
VOUT_OV_ FAULT, VOUT_UV_FAULT, IOUT_OC_FAULT,
OT_FAULT, OT_WARNING, VIN_UV_FAULT, IIN_OC_FAST_
FAULT, SR_RC_FAULT, POWER_OFF, CRC_FAULT,
SOFT_START_FILTER, or POWER_GOOD. Some of the
flags are maskable according to Register 0xFE0D.
0xFE0D and
0xFE0E
PG/ALT pin
set low
5
IIN_OC_FAST_FAULT
R
An input overcurrent fast fault is triggered.
0xFE1F
Programmable
4
Reserved
R
Reserved.
N/A
N/A
3
CS3_OC_FAULT
R
A CS3 overcurrent fault is triggered.
0xFE6A
Programmable
2
Reserved
R
Reserved.
N/A
N/A
1
Reserved
R
Reserved.
N/A
N/A
0
VDD_OV
R
VDD is above the OVLO limit. The I2C/PMBus interface
remains functional, but power conversion stops.
0xFE05
Programmable
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com