Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 106 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 106 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 102Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 103Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 104Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 105Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 106Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 107Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 108Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 109Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 110Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 106 of 113
Bits
Bit Name/Function
R/W
Description
[2:0]
Offset step size
R/W
These bits specify the programming step size for Register 0xFE5B to Register 0xFE60, Bits[6:4] and Bits[2:0].
Bit 2
Bit 1
Bit 0
LSB Step Size (ns)
0
0
0
5
0
0
1
10
0
1
0
15
0
1
1
20
1
0
0
25
1
0
1
30
1
1
0
35
1
1
1
40
Table 187. Register 0xFE67—Open-Loop Operation Settings
Bits
Bit Name/Function
R/W
Description
7
Reserved
R
Reserved.
6
Pulse skipping mode enable
R/W
1 = enables the pulse skipping mode. If the ADP1052 requires a modulation value that
is less than the threshold set by Register 0xFE69, pulse skipping is in use.
5
SR2 open-loop operation enable
R/W
This bit is set when SR2 is in open-loop operation mode.
4
SR1 open-loop operation enable
R/W
This bit is set when SR1 is in open-loop operation mode.
3
OUTD open-loop operation enable
R/W
This bit is set when OUTD is in open-loop operation mode.
2
OUTC open-loop operation enable
R/W
This bit is set when OUTC is in open-loop operation mode.
1
OUTB open-loop operation enable
R/W
This bit is set when OUTB is in open-loop operation mode.
0
OUTA open-loop operation enable
R/W
This bit is set when OUTA is in open-loop operation mode.
Table 188. Register 0xFE68—Offset Setting for SR1 and SR2
Bits
Bit Name/Function
R/W
Description
[7:0]
The offset setting for SR1/SR2
R/W
If SR_RC_FAULT flag is triggered and Register 0xFE03[7:6] = 11, these bits set the
offset value (tOFFSET) on the SR1 and SR2 rising edges. The rising edges are moved
left from tRx + tMODU_LIMIT by tOFFSET. Each step corresponds to 5 ns.
Table 189. Register 0xFE69—Pulse Skipping Mode Threshold
Bits
Bit Name/Function
R/W
Description
[7:0]
Pulse skipping mode
threshold
R/W
These bits set the modulation pulse width threshold for pulse skipping. Each LSB is 5 ns.
Table 190. Register 0xFE6A—CS3_OC_FAULT_LIMIT
Bits
Bit Name/Function
R/W
Description
[7:0]
CS3_OC_FAULT_LIMIT
R/W
The eight MSB value of the CS3 value register in Register 0xFEA9 is compared with this 8-bit
number. If the 8 MSB value is greater, the CS3_OC_FAULT flag is set.
Table 191. Register 0xFE6B—Modulation Threshold for OVP Selection
Bits
Bit Name/Function
R/W
Description
[7:0]
Modulation threshold
for conditional
OVP responses
R/W
This value sets modulation threshold for conditional OVP response. When the real-time modu-
lation value is above this threshold, the LARGE_MODULATION flag in Register 0xFE6C[2] is set.
Switching Frequency Range (kHz)
Resolution Corresponding to LSB (ns)
49 to 87
80
97.5 to 184
40
195.5 to 379
20
390.5 to 625
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com