Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 103 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 103 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 99Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 100Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 101Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 102Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 103Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 104Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 105Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 106Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 103 of 113
Bits
Bit Name/Function
R/W
Description
[2:0]
tF3 offset multiplier
R/W
This value multiplies the step size specified by Register 0xFE66[2:0] to determine the tF3 offset from
nominal timing at 0 A input current.
Bit 2
Bit 1
Bit 0
Multiplier
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
Table 178. Register 0xFE5E—OUTD Dead Time
Bits
Bit Name/Function
R/W
Description
7
tR4 polarity
R/W
0 = positive polarity; 1 = negative polarity.
[6:4]
tR4 offset multiplier
This value multiplies the step size specified by Register 0xFE66[2:0] to determine the tR4 offset from
nominal timing at 0 A input current.
Bit 6
Bit 5
Bit 4
Multiplier
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
3
tF4 polarity
R/W
0 = positive polarity; 1 = negative polarity.
[2:0]
tF4 offset multiplier
R/W
This value multiplies the step size specified by Register 0xFE66[2:0] to determine the tF4 offset from
nominal timing at 0 A input current.
Bit 2
Bit 1
Bit 0
Multiplier
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
Table 179. Register 0xFE5F—SR1 Dead Time
Bits
Bit Name/Function
R/W
Description
7
tR5 polarity
R/W
0 = positive polarity; 1 = negative polarity.
[6:4]
tR5 offset multiplier
This value multiplies the step size specified by Register 0xFE66[2:0] to determine the tR5 offset from
nominal timing at 0 A input current.
Bit 6
Bit 5
Bit 4
Multiplier
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
3
tF5 polarity
R/W
0 = positive polarity; 1 = negative polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com