Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1052ACPZ-R7 Datasheet(PDF) 111 Page - Analog Devices

Part # ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Datasheet(HTML) 111 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 105Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 106Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 107Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 108Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 109Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 110Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 111Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 112Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 113Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 111 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 111 of 113
MANUFACTURER SPECIFIC VALUE READING REGISTERS
Table 200. Register 0xFEA7—CS1 Value
Bits
Bit Name/Function
R/W
Description
[15:4]
CS1 current value
R
This register contains 12-bit CS1 current information. The range of the CS1 input pin is from 0 V
to 1.6 V. Each LSB corresponds to 390.625 μV. At 0 V input, the value in this register is 0 decimal.
The nominal voltage at this pin is 1 V.
At 1 V input, the value in these bits is 0xA00 (2560 decimal).
The reading is equivalent to the READ_IIN command.
[3:0]
Reserved
R
Reserved.
Table 201. Register 0xFEA8—CS2 Value
Bits
Bit Name/Function
R/W
Description
[15:4]
CS2 voltage value
R
This register contains the 12-bit CS2 output current information. The range of the CS2± input
pins is from 0 mV to 120 mV. Each LSB corresponds to 29.297 μV.
At 0 V input, the value in this register is 0.
The reading is equivalent to the READ_IOUT command.
[3:0]
Reserved
R
Reserved.
Table 202. Register 0xFEA9—CS3 Value
Bits
Bit Name/Function
Type
Description
[15:4]
CS3 voltage value
R
This register contains 12-bit CS3 current information calculated by using the CS1 reading and
duty cycle information. Each LSB corresponds to 4× the CS1 LSB in Register 0xFEA7, multiplied
by the turn ratio of the main transformer, n (n = NPRI/NSEC).
[3:0]
Reserved
R
Reserved.
Table 203. Register 0xFEAA—VS Value
Bits
Bit Name/Function
R/W
Description
[15:4]
VS voltage value
R
This register contains the 12-bit VS± output voltage information. The range of the VS± input
pins is from 0 V to 1.6 V. Each LSB corresponds to 390.625 μV.
At 0 V input, the value in this register is 0. The nominal voltage at the VS+ and VS− pins is 1 V.
At 1 V input, the value in these bits of this register is 0xA00 (2560 decimal).
The reading is equivalent to the READ_VOUT command.
[3:0]
Reserved
R
Reserved.
Table 204. Register 0xFEAB—RTD Value
Bits
Bit Name/Function
R/W
Description
[15:4]
RTD temperature value
R
These bits contain the 12-bit RTD temperature information, as determined from the RTD pin.
The range of the RTD input pin is from 0 V to 1.6 V. Each LSB corresponds to 390.625 μV.
At 0 V input, the value in this register is 0. The nominal voltage at the RTD pin is 1 V.
At 1 V input, the value in these bits is 0xA00 (2560 decimal).
[3:0]
Reserved
R
Reserved.
Table 205. Register 0xFEAC—VF Value
Bits
Bit Name/Function
R/W
Description
[15:5]
VF voltage value
R
This register contains the 11-bit VF voltage information. The range of the VF input pin is from 0 V
to 1.6 V. Each LSB corresponds to 781.25 μV.
At 0 V input, the value in this register is 0. The nominal voltage at the VF pin is 1 V.
At 1 V input, the value in these bits is 0x500 (1280 decimal).
The reading is equivalent to the READ_VIN command.
[4:0]
Reserved
R
Reserved.
Table 206. Register 0xFEAD—Duty Cycle Value
Bits
Bit Name/Function
R/W
Description
[15:12]
Reserved
R
Reserved.
[11:0]
Duty cycle value
R
This register contains the 12-bit duty cycle information. Each LSB corresponds to 0.0244% duty
cycle. At 100% duty cycle, the value in these bits is 0xFFF (4095 decimal).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com