Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 166 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 166 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 162Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 163Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 164Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 165Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 166Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 167Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 168Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 169Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
7
0
VSTATUS
VSTATUS
The VSTATUS field returns the data in the register addressed by the VCTRL register.
21.3.27 USB Suspend Control Register (PTCI_SUSPCTRL)
The PTCI_SUSPCTRL register is an 8-bit, write-only register which provides an interface for forcing the
USB transceiver and OTG signals into Suspend mode. At reset, this register is cleared to 00h.
7
4
3
2
1
0
Reserved
SUSPOTG_CTRL
SUSP_CTRL
FORCE_SUSP
FORCE_SUSPOTG
FORCE_SUSPOTG
The Force Suspend OTG bit forces the USB OTG signals into Suspend mode,
when selected by the SUSPOTG_CTRL bit.
0 – Normal operation.
1 – Suspend mode.
FORCE_SUSP
The Force Suspend bit forces the USB transceiver into Suspend mode, when
selected by the SUSP_CTRL bit.
0 – Normal operation.
1 – Suspend mode
SUSP_CTRL
The Suspend Control bit selects whether the USB logic or the FORCE_SUSP bit
controls Suspend mode for the USB transceiver.
0 – USB logic.
1 – FORCE_SUSP bit.
SUSPOTG_CTRL
The Suspend OTG bit selects whether the USB logic or the FORCE_SUSPOTG
bit controls Suspend mode for the USB OTG signals.
0 – USB logic.
1 – FORCE_SUSPOTG bit.
22 Dual CAN Interfaces
Each CAN interface contains a Full CAN class, CAN (Controller Area Network) serial bus interface for
low/high speed applications. It supports reception and transmission of extended frames with a 29-bit
identifier, standard frames with an 11-bit identifier, applications that require high speed (up to 1 MBit/s),
and a low-speed CAN interface with CAN master capability. Data transfer between the CAN bus and the
CPU is handled by 15 message buffers per interface, which can be individually configured as receive or
transmit buffers. Every message buffer includes a status/control register which provides information about
its current status and capabilities to configure the buffer. All message buffers are able to assert an
interrupt on the reception of a valid frame or the successful transmission of a frame. In addition, an
interrupt can be generated on bus errors.
An incoming message is only accepted if the message identifier passes one of two acceptance filtering
masks. The filtering mask can be configured to receive a single message ID for each buffer or a group of
IDs for each receive buffer. One of the buffers uses a separate message filtering procedure. This provides
the capability to establish a BASIC-CAN path. Remote transmission requests can be processed
automatically by automatic reconfiguration to a receiver after transmission or by automated transmit
scheduling upon reception. A priority decoder allows any buffer to have one of 16 transmit priorities
including the highest or lowest absolute priority, for a total of 240 different transmit priorities.
A decided bit time counter (16-bit wide) is provided to support real time applications. The contents of this
counter are captured into the message buffer RAM on reception or transmission. The counter can be
synchronized through the CAN network. This synchronization feature allows a reset of the counter after
the reception or transmission of a message in buffer 0.
166
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com