Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 164 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 164 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 160Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 161Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 162Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 163Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 164Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 165Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 166Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 167Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
21.3.20 Receive Count Register (RXCOUNT)
The RXCOUNT register is a 16-bit, read-only register that indicates the current number of received data
bytes in the receive FIFO. The value changes as the contents of the FIFO change, and it is only valid
while the RXPKTRDY bit is set. At reset, this register is cleared to 0000h.
15
13M M12
0
Reserved
COUNT
COUNT The Count field indicates how many valid bytes are in the receive FIFO.
21.3.21 Transmit Transfer Type Register (TXTYPE)
The TXTYPE register is an 8-bit, read/write register that must be written with the endpoint number to be
targeted by the endpoint and the transaction protocol to use for the currently selected transmit endpoint.
There is a TXTYPE register for each endpoint (except Endpoint 0). This register is only used in Host
mode. At reset, this register is cleared to 00h.
7
6 5
4 3
0
Reserved
PROTOCOL
ENDPOINT
ENDPOINT
The Endpoint field specifies the target endpoint. Software must set this value to the
endpoint number contained in the transmit endpoint descriptor returned during device
enumeration.
PROTOCOL
The Protocol field specifies the protocol for the transmit endpoint.
00 – Reserved.
01 – Isochronous.
10 – Bulk.
11 – Interrupt.
21.3.22 Transmit Interval Register (TXINTERVAL)
The TXINTERVAL register is an 8-bit, read/write register that specifies the polling interval for the currently
selected transmit endpoint, for Interrupt and Isochronous endpoints. For Bulk endpoints, this register
specifies the number of frames after which the endpoint should timeout on receiving a stream of NAK
responses. There is a TXINTERVAL register for each endpoint (except Endpoint 0). This register is only
used in Host mode. At reset, this register is cleared to 00h.
7
0
INTERVAL/TIMEOUT
INTERVAL/TIMEOUT
The INTERVAL/TIMEOUT field specifies a number of frames. The value is
interpreted differently depending on the transfer type.
TRANSFER TYPE
VALID VALUES (n)
NUMBER OF FRAMES
Interrupt
1-255
n
Iso.
1-16
2n-1
Bulk
2-16 (0 or 1 disables NAK function)
2n-1
21.3.23 Receive Transfer Type Register (RXTYPE)
The RXTYPE register is an 8-bit, read/write register that must be written with the endpoint number to be
targeted by the endpoint and the transaction protocol to use for the currently selected receive endpoint.
There is a RXTYPE register for each endpoint (except Endpoint 0). This register is only valid in Host
mode. At reset, this register is cleared to 00h.
164
USB Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com