Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 161 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 161 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 157Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 158Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 159Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 160Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 161Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 162Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 163Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 164Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
21.3.18 Receive Maximum Packet Size Register (RXMAXP)
The RXMAXP register is a 16-bit, read/write register that specifies the maximum amount of data that can
be transferred through the selected receive endpoint in a single frame. The value is subject to the
constraints placed by the USB Specification on packet sizes for Bulk, Interrupt, and Isochronous transfers.
The value should match the wMaxPacketSize field of the Standard Endpoint Descriptor for the associated
endpoint (see Universal Serial Bus Specification Revision 2.0, Chapter 9). A mismatch could cause
unexpected results. The value written to this register must not exceed the receive FIFO size. If the value
written to this register is less than, or equal to, half the receive FIFO size, two packets can be buffered.
There is a RXMAP register for each receive endpoint (except Endpoint 0). At reset, this register is cleared
to 0000h.
15
11M M10
0
Reserved
MAXSIZE
MAXSIZE The Maximum Packet Size field specifies (in bytes) the maximum payload received in a
single transaction.
21.3.19 Receive Control and Status Register (RXCSR)
The RXCSR register is a 16-bit, read/write register that provides control and status bits for the associated
endpoint (except Endpoint 0). It has different formats in Peripheral and Host modes. After reset, this
register is cleared to 0000h.
Peripheral Mode Format
7
6
5
4
3
2
1
0
CLRDATATOG
SENTSTALL
SENDSTALL
FLUSHFIFO
DATAERROR
OVERRUN
FIFOFULL
RXPKTRDY
15
14
13
12
11
10
8
AUTOCLEAR
ISO
Reserved
RXPKTRDY
The Receive Packet Ready bit is set when a data packet is received. Software
should clear this bit when the packet is unloaded from the receive FIFO to detect the
next packet. An interrupt is asserted (if enabled) when this bit is set.
0 – No packet in receive FIFO.
1 – Data packet in FIFO, ready to unload.
FIFOFULL
The FIFO Full bit indicates that no more packets can be loaded into the receive
FIFO.
0 – Receive FIFO is not full.
1 – Receive FIFO is full.
OVERRUN
The Overrun bit is set when an OUT packet cannot be loaded into the receive FIFO.
Software clears the OVERRUN bit to detect the next overrun event. This bit is only
valid for Isochronous endpoints.
0 – No overrun event detected since the bit was last cleared.
1 – Overrun event detected.
DATAERROR
The Data Error bit is set when the RXPKTRDY bit is set and the data packet has a
CRC or bit-stuffing error. Software clears this bit to detect the next data error. This
bit is only valid for Isochronous endpoints.
0 – No data error since the bit was last cleared.
1 – Data error detected.
Copyright © 2013, Texas Instruments Incorporated
USB Controller
161
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com