Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 157 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 157 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 153Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 154Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 155Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 156Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 157Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 158Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 159Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 160Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
RXSTALL
The Receive STALL handshake bit is set when a STALL handshake is received.
Software clears this bit to detect the next STALL handshake.
0 – No STALL handshake since the bit was last cleared.
1 – STALL handshake received.
SETUPPKT
The Setup Packet bit is set by software at the same time the TXPKTRDY bit is set, to
select a SETUP token instead of an OUT token for the transaction.
0 – OUT token selected.
1 – SETUP token selected
ERROR
The Error bit is set when three attempts have been made to perform a transaction
with no response from the peripheral. An interrupt is asserted when this bit is set.
Software clears this bit to detect the next error event.
0 – No error event detected since the bit was last cleared.
1 – Error event detected.
REQPKT
The Request Packet bit is written with 1 to request an IN transaction. The REQPKT
bit is cleared when the RXPKTRDY bit is set.
0 – No request asserted.
1 – Request for an IN transaction asserted.
STATUSPKT
The Status Packet bit is set by software at the same time as the TXPKTRDY or
REQPKT bit is set, to perform a Status Stage transaction. Setting this bit ensures that
the data toggle is set to 1 so that a DATA1 packet is used for the Status Stage
transaction.
0 – Normal operation.
1 – Status Stage transaction selected.
NAKTIMEOUT
The NAK Timeout bit is set when Endpoint 0 is halted following the receipt of NAK
responses for longer than the time set by the NAKLIMIT0 register. Software must
clear this bit to allow the endpoint to continue.
0 – Normal operation.
1 – Endpoint 0 halted.
FLUSHFIFO
The FLUSHFIFO bit is written with 1 to flush the Endpoint 0 FIFO. The FIFO pointer
is reset and the TXPKTRDY/RXPKTRDY bit is cleared. The FLUSHFIFO bit has no
effect unless TXPKTRDY/RXPKTRDY bit is set.
0 – Normal operation.
1 – Flush the Endpoint 0 FIFO and clear the TXPKTRDY/RXPKTRDY bit.
21.3.14 Endpoint 0 Count Register (COUNT0)
The COUNT0 register is an 8-bit, read-only register that indicates the current number of received data
bytes in the Endpoint 0 FIFO. The value changes as the contents of the FIFO change, and it is only valid
while the CSR0.RXPKTRDY bit is set. At reset, this register is cleared to 00h.
7
6
0
Reserved
COUNT
COUNT
The Count field indicates how many valid bytes are in the Endpoint 0 receive FIFO.
21.3.15 Endpoint 0 NAK Limit Register (NAKLIMIT0)
The NAKLIMIT0 register is an 8-bit, read/write register that specifies the number of frames after which an
Endpoint 0 timeout occurs in Host mode when receiving a stream of NAK responses. (Equivalent settings
for other endpoints can be made through their TXINTERVAL and RXINTERVAL registers.)
The number of frames is 2m-1, in which m is the value specified in the register. If the host receives NAK
responses from the target for more frames than the number represented by the limit set in this register,
the endpoint will be halted. At reset, this register is cleared to 00h.
Copyright © 2013, Texas Instruments Incorporated
USB Controller
157
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com