Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 153 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 153 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 149Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 150Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 151Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 152Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 153Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 154Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 155Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 156Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
SOF
The Start of Frame bit indicates that an interrupt was asserted because a new frame
started.
0 – No interrupt asserted.
1 – Interrupt asserted.
CONN
The Connection bit indicates that an interrupt was asserted because a device
connection was detected. This bit is only valid in Host mode.
0 – No interrupt asserted.
1 – Interrupt asserted.
DISCON
The Disconnect bit indicates that an interrupt was asserted because a device
disconnect was detected in Host mode or a session ended in Peripheral mode.
0 – No interrupt asserted.
1 – Interrupt asserted.
SESSREQ
The Session Request bit indicates that an interrupt was asserted because a Session
Request signal was detected on the bus. This bit is only valid when the USB
controller is an A device.
0 – No interrupt asserted.
1 – Interrupt asserted.
VBUSERROR
The VBUS Error bit indicates that an interrupt was asserted because VBUS dropped
below the VBUS Valid threshold during a session. This bit is only valid when the USB
controller is an A device.
0 – No interrupt asserted.
1 – Interrupt asserted.
21.3.8 Interrupt Enable Register for USB Controller (INTRUSBE)
The INTRUSBE register is an 8-bit, read/write register that controls which USB controller interrupts are
enabled. After reset, this register is initialized to 06h.
7
6
5
4
3
2
1
0
VBUSERROR
SESSREQ
DISCON
CONN
SOF
RESETBABBLE
RESUME
SUSPEND
SUSPEND
The Suspend bit enables an interrupt when Suspend signaling is detected on the bus.
This bit is only valid in Peripheral mode.
0 – No interrupt enabled.
1 – Interrupt enabled.
RESUME
The Resume bit enables an interrupt when Resume signaling is detected while the
USB Controller is in Suspend mode.
0 – No interrupt enabled.
1 – Interrupt enabled.
RESETBABBLE The Reset/Babble bit enables an interrupt when babble is detected (unexpected bus
activity) in Host mode or reset signaling is detected in Peripheral mode.
0 – No interrupt enabled.
1 – Interrupt enabled.
SOF
The Start of Frame bit enables an interrupt when a new frame starts.
0 – No interrupt enabled.
1 – Interrupt enabled.
CONN
The Connection bit enables an interrupt when a device connection is detected. This bit
is only valid in Host mode.
0 – No interrupt enabled.
1 – Interrupt enabled.
Copyright © 2013, Texas Instruments Incorporated
USB Controller
153
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com