Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 150 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 150 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 146Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 147Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 148Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 149Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 150Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 151Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 152Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 153Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
21.3.1 Function Address Register (FADDR)
The FADDR register is an 8-bit, read/write register that holds the function address. When the USB
controller is in Host mode, this register should be loaded with the value sent in a SET_ADDRESS
command during device enumeration as the address for the peripheral device. When the USB controller is
being used in Peripheral mode, this register should be loaded with the address received through a
SET_ADDRESS command, which will then be used for decoding the function address in subsequent
token packets. The new address will not take effect immediately, because the host will still be using the
old address for the Status stage of the device request. The USB controller will continue to use the old
address for decoding packets until the device request has completed. At reset, this register is cleared to
00h.
7
6
0
Reserved
FUNCADDR
FUNCADDR
The Function Address field holds the 7-bit address of the peripheral part of the
transaction.
21.3.2 Power Register (POWER)
The POWER register is an 8-bit, read/write register that is used for controlling Suspend and Resume
signaling, and some basic operational aspects of the USB controller. At reset, this register is initialized to
20h.
7
6
5
4
3
2
1
0
Reserved
Reserved
ISOUPDATE
SOFTCONN
RESET
RESUME
SUSPENDMODE
ENABLESUSPENDM
(Must be 0)
(Must be 0)
ENABLESUSPENDM
The Enable Suspend Mode bit is used to shut down the USB transceiver in
Suspend mode to save power.
0 – USB transceiver always enabled.
1 – USB transceiver disabled in Suspend mode.
SUSPENDMODE
The Suspend Mode bit is set by software to enter Suspend mode (Host mode)
or by hardware when Suspend mode is entered (Peripheral mode). It will be
cleared when the INTRUSB register is read (as a result of receiving a Suspend
interrupt). It will also be cleared if Suspend mode is exited by setting the
Resume bit to initiate a remote wake-up.
0 – Suspend mode has not been entered.
1 – Suspend mode has been entered (Peripheral mode), or software has
requested entry into Suspend mode (Host mode).
RESUME
The Resume bit is set by software to generate Resume signaling on the USB to
perform remote wake-up from Suspend mode. Once set, it should be left set for
approximately 10 ms (at least 1 ms and no more than 15 ms), then cleared. In
Host mode, this bit is set by hardware when Resume signaling from the
peripheral is detected while the Host is in Suspend mode.
0 – No Resume signaling.
1 – Generate Resume signaling or Resume signaling detected.
RESET
The Reset bit can be used to determine when Reset signaling is present on the
USB. It is set when Reset signaling is detected and remains set until the bus
reverts to an idle state. This bit is read/write in Host mode, and read only in
Peripheral mode.
0 – No Reset signaling detected.
1 – Reset signaling detected.
150
USB Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com