Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 152 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 152 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 148Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 149Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 150Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 151Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 152Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 153Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 154Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 155Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
EPnRX
The Endpoint n Receive bit indicates that an interrupt was asserted for Receive Endpoint n (n
= 1 to 3).
0 – No interrupt asserted.
1 – Interrupt asserted.
21.3.5 Interrupt Enable Register for Endpoint 0 and Transmit Endpoints (INTRTXE)
The INTRTXE register is a 16-bit, read/write register that controls whether interrupts are enabled for
Endpoint 0 and the Transmit Endpoints 1, 2, and 3. Bits for endpoints that have not been configured will
always return 0. After reset, this register is initialized to 000Fh.
15
4
3
2
1
0
Reserved
EP3TX
EP2TX
EP1TX
EP0
EP0
The Endpoint 0 bit controls whether an interrupt is enabled for Endpoint 0.
0 – No interrupt enabled.
1 – Interrupt enabled.
EPnTX
The Endpoint n Transmit bit controls whether an interrupt is enabled for Transmit Endpoint n
(n = 1 to 3).
0 – No interrupt enabled.
1 – Interrupt enabled.
21.3.6 Interrupt Enable Register for Receive Endpoints (INTRRXE)
The INTRRXE register is a 16-bit, read/write register that controls whether interrupts are enabled for
Receive End-points 1, 2, and 3. After reset, this register is initialized to 000Eh.
15
4
3
2
1
0
Reserved
EP3RX
EP2RX
EP1RX
Reserved
EPnRX
The Endpoint n Receive bit controls whether an interrupt is enabled for Receive Endpoint n
(n = 1 to 3).
0 – No interrupt enabled.
1 – Interrupt enabled.
21.3.7 Interrupt Register for USB Controller (INTRUSB)
The INTRUSB register is an 8-bit, read-only register that indicates which interrupts are currently asserted
for the USB controller. All asserted interrupts are cleared when this register is read. After reset, this
register is cleared to 00h.
7
6
5
4
3
2
1
0
VBUSERROR
SESSREQ
DISCON
CONN
SOF
RESETBABBLE
RESUME
SUSPEND
SUSPEND
The Suspend bit indicates that an interrupt was asserted because Suspend signaling
was detected on the bus. This bit is only valid in Peripheral mode.
0 – No interrupt asserted.
1 – Interrupt asserted.
RESUME
The Resume bit indicates that an interrupt was asserted because Resume signaling
was detected while the USB Controller was in Suspend mode.
0 – No interrupt asserted.
1 – Interrupt asserted.
RESETBABBLE
The Reset/Babble bit indicates that an interrupt was asserted because babble was
detected (unexpected bus activity) in Host mode or reset signaling was detected in
Peripheral mode.
0 – No interrupt asserted.
1 – Interrupt asserted.
152
USB Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com