Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 154 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 154 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 150Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 151Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 152Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 153Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 154Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 155Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 156Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 157Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
DISCON
The Disconnect bit enables an interrupt when a device disconnect is detected in Host
mode or a session is ended in Peripheral mode.
0 – No interrupt enabled.
1 – Interrupt enabled.
SESSREQ
The Session Request bit enables an interrupt when a Session Request signal is
detected on the bus. This bit is only valid when the USB controller is an A device.
0 – No interrupt enabled.
1 – Interrupt enabled.
VBUSERROR
The VBUS Error bit enables an interrupt when VBUS drops below the VBUS Valid
threshold during a session. This bit is only valid when the USB controller is an A
device.
0 – No interrupt enabled.
1 – Interrupt enabled.
21.3.9 Frame Register (FRAME)
The Frame register is a 16-bit, read-only register that holds the last received frame number. At reset, this
register is cleared to 0000h.
15
11M M10
0
Reserved
FRAMENUMBER
FRAMENUMBER The Frame Number field holds the 11-bit frame number.
21.3.10 Index Register (INDEX)
The Index register is an 8-bit, read/write register that selects the endpoint-specific register bank which is
accessible in the region FF 0810h to FF 081Fh. At reset, this register is cleared to 00h.
7
4M M3
0
Reserved
INDEX
INDEX
The Index field holds the 4-bit endpoint index. Only 0000b, 0001b, 0010b, and 0011b are valid
values.
21.3.11 Endpoint n FIFO Register (EPnFIFO)
The Endpoint n FIFO registers are 32-bit, read/write registers that access the transmit FIFOs when written
and the receive FIFOs when read (n = 0 to 3).
31
0
FIFODATA
21.3.12 Device Control Register (DEVCTL)
The DEVCTL register is an 8-bit, read/write register that is used to select whether the USB Controller is
operating in Peripheral mode or in Host mode, and for controlling and monitoring the USB VBus line. After
reset, this register is cleared to 00h.
7
6
5
4
3
2
1
0
BDEVICE
FSDEV
LSDEV
VBUS
HOSTMODE
HOSTREQ
SESSION
154
USB Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com