Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 151 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 151 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 147Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 148Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 149Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 150Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 151Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 152Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 153Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 154Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
SOFTCONN
The Soft Connect/Disconnect bit can be used when the USB controller is acting
as a peripheral to switch the USB transceiver between normal mode and non-
driving mode. As a result, it can be used to connect/disconnect the device from
its host without having the change the physical connections, when the device is
acting as a peripheral. After a hardware reset, the SOFTCONN bit is clear. The
USB controller will therefore appear disconnected until the software has set the
SOFTCONN bit. Software can then choose when to set the transceiver into its
normal mode. Systems with a lengthy initialization procedure may use this to
ensure that initialization is complete and the system is ready to perform
enumeration before connecting to the USB. After the SOFTCONN bit has been
set, clearing this bit will put the transceiver into non-driving mode. The USB
controller will then appear to have been disconnected to other devices on the
USB bus. This bit is only valid in Peripheral mode.
0 – USB transceiver is in non-driving mode.
1 – USB transceiver is enabled to drive D+ and D-.
ISOUPDATE
The Isochronous Update bit only affects IN Isochronous endpoints (Endpoint 1).
It is normally used as a method of ensuring a “clean” start-up of an IN
Isochronous pipe. When set, the USB controller will wait for an SOF token from
the time TXPKTRDY is set before sending the packet. If an IN token is received
before an SOF token, then a zero-length data packet will be sent. This bit is only
valid in Peripheral mode.
0 – Normal mode.
1 – Isochronous update mode.
21.3.3 Interrupt Register for Endpoint 0 and Transmit Endpoints (INTRTX)
The INTRTX register is a 16-bit, read-only register that indicates which interrupts are currently asserted for
Endpoint 0 and the Transmit Endpoints 1, 2, and 3. Bits for endpoints that have not been configured will
always return 0. All asserted interrupts are cleared when this register is read. After reset, this register is
cleared to 0000h.
15
4
3
2
1
0
Reserved
EP3TX
EP2TX
EP1TX
EP0
EP0
The Endpoint 0 bit indicates that an interrupt was asserted for Endpoint 0.
0 – No interrupt asserted.
1 – Interrupt asserted.
EPnTX
The Endpoint n Transmit bit indicates that an interrupt was asserted for Transmit Endpoint n
(n = 1 to 3).
0 – No interrupt asserted.
1 – Interrupt asserted.
21.3.4 Interrupt Register for Receive Endpoints (INTRRX)
The INTRRX register is a 16-bit, read-only register that indicates which interrupts are currently asserted
for Receive Endpoints 1, 2, and 3. Bits for endpoints that have not been configured will always return 0. All
asserted interrupts are cleared when this register is read. After reset, this register is cleared to 0000h.
15
4
3
2
1
0
Reserved
EP3RX
EP2RX
EP1RX
Reserved
Copyright © 2013, Texas Instruments Incorporated
USB Controller
151
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com