Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 149 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 149 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 145Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 146Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 147Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 148Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 149Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 150Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 151Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 152Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 21-2. USB Common Interface Registers (continued)
NAME
ADDRESS
DESCRIPTION
INTRTXE
FF 0806h
Interrupt Enable Register for INTRTX
INTRRXE
FF 0808h
Interrupt Enable Register for INTRRX
INTRUSB
FF 080Ah
Interrupt Register for USB Common Interrupts
INTRUSBE
FF 080Bh
Interrupt Enable Register for INTRUSB
FRAME
FF 080Ch
Frame Number Register
INDEX
FF 080Eh
Index Register
EP0FIFO
FF 0820h
Endpoint 0 FIFO
EP1FIFO
FF 0824h
Endpoint 1 FIFO
EP2FIFO
FF 0828h
Endpoint 2 FIFO
EP3FIFO
FF 082Ch
Endpoint 3 FIFO
DEVCTL
FF 0860h
USB OTG Device Control Register
VCTRL
FF 0C00h
USB Transceiver Control Register
VSTATUS
FF 0C02h
USB Transceiver Status Register
Table 21-3. USB Endpoint-Specific Interface Registers
NAME
ADDRESS
DESCRIPTION
TXMAXP
base + 00h
Transmit Maximum Packet Size Register
CSR0
base + 02h
Control and Status Register (Endpoint 0)
TXCSR
base + 02h
Transmit Control and Status Register (Endpoints 1-3)
RXMAXP
base + 04h
Receive Maximum Packet Size Register
RXCSR
base + 06h
Receive Control and Status Register
COUNT0
base + 08h
Receive Count Register (Endpoint 0)
RXCOUNT
base + 08h
Receive Count Register (Endpoints 1-3)
TXTYPE
base + 0Ah
Transmit Transfer Type Register
NAKLIMIT0
base + 0Bh
NAK Limit Register (Endpoint 0)
TXINTERVAL
base + 0Bh
Transmit Polling Interval Register (Endpoints 1-3)
RXTYPE
base + 0Ch
Receive Transfer Type Register
RXINTERVAL
base + 0Dh
Receive Polling Interval Register (Endpoints 1-3)
Table 21-4. USB Endpoint Register Banks
NAME
BASE
DESCRIPTION
ADDRESS
INDEXED
FF 0810h
Indexed Register Bank
EP0NIND
FF 0900h
Endpoint 0 Register Bank
EP1NIND
FF 0910h
Endpoint 1 Register Bank
EP2NIND
FF 0920h
Endpoint 2 Register Bank
EP3NIND
FF 0930h
Endpoint 3 Register Bank
Copyright © 2013, Texas Instruments Incorporated
USB Controller
149
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com