Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 155 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 155 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 151Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 152Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 153Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 154Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 155Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 156Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 157Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 158Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
SESSION
The Session bit is set or cleared by software to start or end a session, when operating
as an A device. As a B device, this bit is controlled by hardware to indicate when a
session starts and ends. It is also set by software to initiate the Session Request
Protocol, or cleared by software when in Suspend mode to perform a software
disconnect.
0 – Session disabled.
1 – Session enabled.
HOSTREQ
The Host Request bit is set to initiate the Host Negotiation Protocol when Suspend
mode is entered. It is cleared when Host Negotiation is completed. This bit is only valid
as a B device.
0 – No host negotiation.
1 – Initiate host negotiation.
HOSTMODE
The Host Mode bit indicates whether the USB controller is in Host or Peripheral mode.
This is a read-only bit.
0 – Peripheral mode.
1 – Host mode.
VBUS
The VBUS field indicates the current VBUS level. This is a read-only field.
00 – Below SessionEnd.
01 – Above SessionEnd, below AValid.
10 – Above AValid, below VBusValid.
11 – Above VBusValid.
LSDEV
The Low-Speed Device bit indicates when a low-speed device is detected. Low-speed
mode is not supported. This is a read-only bit.
0 – Low-speed device not detected. 1 – Low-speed device detected.
FSDEV
The Full-Speed Device bit indicates when a full-speed device is detected. This bit is
only valid in Host mode. This is a read-only bit.
0 – Full-speed device not detected.
1 – Full-speed device detected.
BDEVICE
The B Device bit indicates whether the USB controller is operating as an A device or a
B device. This bit is only valid while a session is in progress. This is a read-only bit.
0 – A device.
1 – B device.
21.3.13 Endpoint 0 Control and Status Register (CSR0)
The CSR0 register is a 16-bit, read/write register that provides control and status bits for Endpoint 0. It has
different formats in Peripheral and Host modes. After reset, this register is cleared to 0000h.
Peripheral Mode Format
15
9
8
7
6
5
4
3
2
1
0
Reserve
SERVICED
SERVICE
SEND
SETUP
DATA
SENT
FLUSHFIFO
TXPKTRDY
RXPKTRDY
d
SETUPEND
DRXPKTRDY
STALL
END
END
STALL
RXPKTRDY
The Receive Packet Ready bit is set when a data packet has been received.
An interrupt is asserted (if enabled) when this bit is set. Software clears the
RXPKTRDY bit by writing 1 to the SERVICEDRXPKTRDY bit.
0 – No data packet received.
1 – Data packet received.
TXPKTRDY
The Transmit Packet Ready bit is set by software after loading a data packet
into the FIFO. The bit is cleared automatically when the data packet has been
transmitted. An interrupt is asserted (if enabled) when this bit is cleared.
0 – No packet in transmit FIFO.
1 – Data packet in FIFO, ready to transmit.
Copyright © 2013, Texas Instruments Incorporated
USB Controller
155
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com